Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 20Page - Cypress Semiconductor CYRF69103 Datasheet HTML 21Page - Cypress Semiconductor CYRF69103 Datasheet HTML 22Page - Cypress Semiconductor CYRF69103 Datasheet HTML 23Page - Cypress Semiconductor CYRF69103 Datasheet HTML 24Page - Cypress Semiconductor CYRF69103 Datasheet HTML 25Page - Cypress Semiconductor CYRF69103 Datasheet HTML 26Page - Cypress Semiconductor CYRF69103 Datasheet HTML 27Page - Cypress Semiconductor CYRF69103 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 24 of 73
LPOSC Trim
CPU Clock During Sleep Mode
When the CPU enters sleep mode the CPUCLK Select (Bit [0],
Table 32) is forced to the internal oscillator, and the oscillator
is stopped. When the CPU comes out of sleep mode it is
running on the internal oscillator. The internal oscillator
recovery time is three clock cycles of the Internal 32-kHz
Low-power Oscillator.
If the system requires the CPU to run off the external clock
after awakening from sleep mode, firmware will need to switch
the clock source for the CPU. If the external clock source is the
external oscillator and the oscillator is disabled, firmware will
need to enable the external oscillator, wait for it to stabilize,
and then change the clock source.
Reset
The microcontroller supports two types of resets: Power-on
Reset (POR) and Watchdog Reset (WDR). When reset is
initiated, all registers are restored to their default states and all
interrupts are disabled.
The occurrence of a reset is recorded in the System Status and
Control Register (CPU_SCR). Bits within this register record
the occurrence of POR and WDR Reset respectively. The
firmware can interrogate these bits to determine the cause of
a reset.
The microcontroller resumes execution from Flash address
0x0000 after a reset. The internal clocking mode is active after
a reset, until changed by user firmware.
Note The CPU clock defaults to 3 MHz (Internal 24-MHz Oscil-
lator divide-by-8 mode) at POR to guarantee operation at the
low VCC that might be present during the supply ramp.
Table 36.LPOSC Trim (LPOSCTR) [0x36] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
32-kHz Low
Power
Reserved
32-kHz Bias Trim [1:0]
32-kHz Freq Trim [3:0]
Read/Write
R/W
–
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
–
D
D
D
D
D
D
This register is used to calibrate the 32-KHz Low-speed Oscillator. The reset value is undefined but during boot the SROM writes a calibration
value that is determined during manufacturing test. This is the meaning of ‘D’ in the Default field. The trim value can be adjusted vs. voltage as
noted in
Table 32
Bit 7
32-KHz Low Power
0 = The 32-KHz Low-speed Oscillator operates in normal mode
1 = The 32-KHz Low-speed Oscillator operates in a low-power mode. The oscillator continues to function normally but with
reduced accuracy
Bit 6
Reserved
Bits [:4
32-KHz Bias Trim [1:0]
These bits control the bias current of the low-power oscillator
0 0 = Mid bias
0 1 = High bias
1 0 = Reserved
1 1 = Reserved
Important Note Do not program the 32-KHz Bias Trim [1:0] field with the reserved 10b value as the oscillator does not oscillate at all corner
conditions with this setting
Bits 3:0
32-kHz Freq Trim [3:0]
These bits are used to trim the frequency of the low-power oscillator
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com