Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 6Page - Cypress Semiconductor CYRF69103 Datasheet HTML 7Page - Cypress Semiconductor CYRF69103 Datasheet HTML 8Page - Cypress Semiconductor CYRF69103 Datasheet HTML 9Page - Cypress Semiconductor CYRF69103 Datasheet HTML 10Page - Cypress Semiconductor CYRF69103 Datasheet HTML 11Page - Cypress Semiconductor CYRF69103 Datasheet HTML 12Page - Cypress Semiconductor CYRF69103 Datasheet HTML 13Page - Cypress Semiconductor CYRF69103 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 10 of 73
CPU Registers
Flags Register
The Flags Register can only be set or reset with logical instruction.
Accumulator Register
Index Register
Table 3. CPU Flags Register (CPU_F) [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
XIO
Super
Carry
Zero
Global IE
Read/Write
–
–
–
R/W
R
RW
RW
RW
Default
0
0
0
0
0
0
1
0
Bits 7:5
Reserved
Bit 4
XIO
Set by the user to select between the register banks
0 = Bank 0
1 = Bank 1
Bit 3
Super
Indicates whether the CPU is executing user code or Supervisor Code. (This code cannot be accessed directly by the user.)
0 = User Code
1 = Supervisor Code
Bit 2
Carry
Set by CPU to indicate whether there has been a carry in the previous logical/arithmetic operation
0 = No Carry
1 = Carry
Bit 1
Zero
Set by CPU to indicate whether there has been a zero result in the previous logical/arithmetic operation
0 = Not Equal to Zero
1 = Equal to Zero
Bit 0
Global IE
Determines whether all interrupts are enabled or disabled
0 = Disabled
1 = Enabled
Note: This register is readable with explicit address 0xF7. The OR F, expr and AND F, expr must be used to set and clear the CPU_F bits
Table 4. CPU Accumulator Register (CPU_A)
Bit #
7
6
5
4
3
2
1
0
Field
CPU Accumulator [7:0]
Read/Write
–
–
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
Bits 7:0
CPU Accumulator [7:0]
8-bit data value holds the result of any logical/arithmetic instruction that uses a source addressing mode
Table 5. CPU X Register (CPU_X)
Bit #
7
6
5
4
3
2
1
0
Field
X [7:0]
Read/Write
–
–
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
Bits 7:0
X [7:0]
8-bit data value holds an index for any instruction that uses an indexed addressing mode
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com