Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4239 Datasheet HTML 1Page - Cirrus Logic CS4239 Datasheet HTML 2Page - Cirrus Logic CS4239 Datasheet HTML 3Page - Cirrus Logic CS4239 Datasheet HTML 4Page - Cirrus Logic CS4239 Datasheet HTML 5Page - Cirrus Logic CS4239 Datasheet HTML 6Page - Cirrus Logic CS4239 Datasheet HTML 7Page - Cirrus Logic CS4239 Datasheet HTML 8Page - Cirrus Logic CS4239 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
RECOMMENDED OPERATING CONDITIONS
(AGND, DGND, SGND = 0 V, all voltages with respect to 0 V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies:
Digital
(Note 5)
Digital Filtered
Analog
VD1
VDF1-VDF3
VA
4.75
3.0
4.75
4.75
5.0
3.3
5.0
5.0
5.25
3.6
5.25
5.25
V
V
V
V
Operating Ambient Temperature
TA
025
70
°C
Note
5. When VD1 is powered from 3.3 Volts, all ISA bus input pins connected to the CS4239 must also be
3.3 Volts.
MIXERS (TA = 25 °C; VA, VD1, VDF1-VDF3 = +5 V; Input Levels: Logic 0 = 0 V, Logic 1 = VD1;
1 kHz Input Sine wave, Measurement Bandwidth is 20 Hz to 20 kHz.)
CS4239-JQ
CS4239-KQ
Parameter*
Symbol Min Typ Max
Min
Typ
Max
Units
Mixer Gain Range Span
AUX1, AUX2
MIC
Hardware Master
DAC1, DAC2
-
-
-
-
-
-
-
-
-
-
-
-
42
40
75
85
45
45
86
94.4
-
-
-
-
dB
dB
dB
dB
Step Size
MIC, AUX1, AUX2
Hardware Master
DAC1, DAC2
-
-
-
-
-
-
-
-
-
1.3
1.6
0.9
1.5
2.0
1.5
1.7
2.4
2.0
dB
dB
dB
Frequency Response
Ac =
±1 dB
(Notes 1,3)
(A-A)
FR
-
-
-
20
20000
Hz
Dynamic Range:
(Notes 1,3)
(A-A)
DR
-
-88
-
-90
-97
-
dB FS A
Total Harmonic Distortion+Noise
(Notes 1,3)
(A-A)
-3 dB FS input
THD+N
-
-85
-
-85
90
-
dB FS A
CrystalClear Portable ISA Audio System
TM
CS4239
DS253PP2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com