Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 49Page - Cirrus Logic CS4239 Datasheet HTML 50Page - Cirrus Logic CS4239 Datasheet HTML 51Page - Cirrus Logic CS4239 Datasheet HTML 52Page - Cirrus Logic CS4239 Datasheet HTML 53Page - Cirrus Logic CS4239 Datasheet HTML 54Page - Cirrus Logic CS4239 Datasheet HTML 55Page - Cirrus Logic CS4239 Datasheet HTML 56Page - Cirrus Logic CS4239 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
DIN/EEN
When read (DIN), this bit reflects
the SDA pin, which should be serial
data output from the Plug and Play
E
2PROM. EEN and DOUT must be
1 for this bit to function.
When written (EEN), enables the
E
2PROM interface: CLK and DOUT
onto the SCL/SDA pins. Writing:
0 - E
2PROM interface disabled
1 - E
2PROM interface enabled
ICH
Interrupt polarity - CDROM. When set,
the CDINT pin is an active high sig-
nal. When low, CDINT is an active
low signal. This bits can be initial-
ized through the Hardware
Configuration data.
Block Power Down (X28)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
PDWN
SRC
VREF
MIX
ADC1
DAC1
PROC
FM
This register and CTRLbase+2 access the same
data. See CTRLbase+2 for a detailed description of
each bit.
Power Management (X29)
Default = 0xxxx000
D7
D6
D5
D4
D3
D2
D1
D0
RESET
res
res
res
res
MIXCD
DAC2
SPORT
This register and C9 access the same data.
SPORT
Powers down the serial ports.
DAC2
Powers down DAC2 including FM and
the CS9236 serial interface.
MIXCD
Powers down the analog mixer - with
the exception of MIN, AUX2, and the
line outputs.
RESET
When this bit goes from a 1 to a 0, a
software RESDRV is initiated caus-
ing the entire chip to be reset and
placed in its default power-up con-
figuration. Access to all registers on
this chip will be lost, including this
one, since the power-up state for
PnP is all resources unassigned.
Global Status (X30)
CTRLbase+7, Default = 1000000
D7
D6
D5
D4
D3
D2
D1
D0
CWSS
ICTRL
ISB
IWSS
IMPU
WDT IMV
ZVA
X30 and CTRLbase+7 access the same data.
ZVA
ZVPORT Active. When set, indicates
that data is being received on the
ZVPORT pins.
IMV
Hardware Master Volume Control
Interrupt Status. A hardware volume
control interrupt is pending when set
to 1. Master Volume Interrupts are
enabled through VCIE in C8/X24.
WDT
Watch-Dog Timer. If an error occurs
on the ISA bus, the Processor will
be reset and WDT will be set.
IMPU
MPU-401 Interrupt status. MPU inter-
rupt pending when set to 1.
IWSS
Windows Sound System Interrupt
Status. WSS interrupt pending when
set to 1.
ISB
Sound Blaster Interrupt status. Sound
Blaster interrupt pending when set to
1.
ICTRL
Control Logical Device 2 Interrupt
status. A context switch interrupt is
pending when set to 1.
CWSS
Context - WSS. Indicates the current
context.
0 - Sound Blaster Emulation
1 - Windows Sound System
Reserved (X31)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
res
res
res
res
res
Reserved. Could read as 0 or 1.
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com