Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 15Page - Cirrus Logic CS4239 Datasheet HTML 16Page - Cirrus Logic CS4239 Datasheet HTML 17Page - Cirrus Logic CS4239 Datasheet HTML 18Page - Cirrus Logic CS4239 Datasheet HTML 19Page - Cirrus Logic CS4239 Datasheet HTML 20Page - Cirrus Logic CS4239 Datasheet HTML 21Page - Cirrus Logic CS4239 Datasheet HTML 22Page - Cirrus Logic CS4239 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
the External E
2PROM section for more informa-
tion on the seri al E
2PROM interface and
E
2PROM programming.
The format for the data stored in the E
2PROM is
as follows:
2 bytes E
2PROM validation: 55h, BBh
2 bytes length of resource data in E
2PROM
19 bytes Hardware Configuration
9 bytes Plug and Play ID
3 bytes Plug and Play version number
Variable number of bytes of user defined
ASCII ID string
Logical Device 0 (Windows Sound System,
FM Synthesizer, Sound Blaster Pro) data
Logical Device 1 ( Game Port) data
Logical Device 2 ( Control) data
Logical Device 3 ( MPU-401) data
Logical Device 4 ( CD-ROM) data
End of Resource byte & checksum byte
Firmware patch code.
The default internal E
2PROM data, in assembly
format, can be found in Appendix A.
Loading Firmware Patch Data
An external E
2PROM is read during the power-
up sequence that stores Hardware Configuration
and PnP data, and firmware patch data. The part
contains RAM and ROM to run the core proces-
sor. The RAM allows updates to the core
processor functionality. Placing the firmware
patches in E
2PROM, gives the maximum func-
tionality at power-up without the need for a
software driver.
The firmware patch data is typically included at
the end of the PnP resource data. Cirrus provides
a utility that will read in patch data from a file,
and append it to the PnP resource data. The
patch file must be obtained from Cirrus.
The Crystal Key
NOTE: The Crystal Key cannot differentiate be-
tween multiple Cirrus ISA Audio Codecs in a
system; therefore, ONLY ONE CS4239 is al-
lowed in systems using the Crystal Key. To
allow multiple parts in a system, the Plug-and-
Play isolation sequence must be used since it
supports multiple parts via the serial identifier
used in the isolation sequence. Crystal Key 2 is
also designed to allow motherboard and add-in
card chips to co-exist in a system.
The Crystal key places the part in the configura-
tion mode. Once the Crystal key has been
initiated, an alternate method of programming
the configuration registers may be used. This al-
ternate method is referred to as the "SLAM"
method. The SLAM method allows the user to
directly access the configuration registers, con-
f igure, and activat e the chip , and then ,
optionally, disable the PnP and/or Crystal key
feature. The SLAM method uses commands that
are similar to the PnP commands; however, they
are different since the user has direct access to
the configuration registers. To use the SLAM
method, see the Bypassing PnP section.
The following 32 bytes, in hex, are the Crystal
key:
96, 35, 9A, CD, E6, F3, 79, BC,
5E, AF, 57, 2B, 15, 8A, C5, E2,
F1, F8, 7C, 3E, 9F, 4F, 27, 13,
09, 84, 42, A1, D0, 68, 34, 1A
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com