| Electronic Components Datasheet Search |
|
CS4239 Datasheet(PDF) 62 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4239 Datasheet(HTML) 62 Page - Cirrus Logic |
|
62 / 98 page ![]() Wavetable & Volume Control (C8) Default = 0exxee00 D7 D6 D5 D4 D3 D2 D1 D0 VCIE VCF1 res res WTEN VCEN DMCLK BRES BRES Force BRESET low. When set, the BRESET pin is forced low. Typically used for power management of pe- ripheral devices. DMCLK Disable MCLK. When set, the MCLK pin of the CS9236 Wavetable Syn- thesizer serial interface is forced low providing a power savings mode. VCEN Volume Control Enable. When set, the UP, DOWN, and MUTE pins be- come active and provide hardware master volume control for the line outputs. Note that this bit can be in- itialized at power-up through Hardware Configuration data, Misc. Configuration Byte. WTEN Wavetable Serial Port Enable. When, set, the CS9236 Single-Chip Wave- table Music Synthesizer serial port pins are enabled. WTEN can be in- itialized in the E 2PROM Hardware Configuration data, Global Configura- tion byte. VCF1 Hardware Volume Control Format. This bit controls the format of the UP, DOWN, and MUTE pins. VCF1 is initialized in the E 2PROM Hard- ware Configuration data, Global Configuration byte. 0 - MUTE is a momentary button. Pressing MUTE toggles between mute and un-mute. Pressing UP or DOWN will always un-mute. 1 - MUTE is not used. Pressing the up and down buttons simultane- ously causes the volume to mute. Pressing up or down singularly will un-mute. VCIE Volume Control Interrupt Enable. When set, the hardware volume control pins cause interrupts, when pressed, on the WSSint pin. The status is available in CTRLbase+7, IMV bit. Power Management (C9) Default = 0xxxx000 D7 D6 D5 D4 D3 D2 D1 D0 RESET res res res res MIXCD DAC2 SPORT SPORT Powers down the serial ports. DAC2 Powers down DAC2 including FM and the CS9236 serial interface. MIXCD Powers down the analog mixer - with the exception of MIN, AUX2, and the line outputs. RESET When this bit goes from a 1 to a 0, a software RESDRV is initiated caus- ing the entire chip to be reset and placed in its default power-up con- figuration. Access to all registers on this chip will be lost, including this one, since the power-up state for PnP is all resources unassigned. DS253PP2 CS4239 CrystalClear Portable ISA Audio System TM 62 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |