Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 29Page - Cirrus Logic CS4239 Datasheet HTML 30Page - Cirrus Logic CS4239 Datasheet HTML 31Page - Cirrus Logic CS4239 Datasheet HTML 32Page - Cirrus Logic CS4239 Datasheet HTML 33Page - Cirrus Logic CS4239 Datasheet HTML 34Page - Cirrus Logic CS4239 Datasheet HTML 35Page - Cirrus Logic CS4239 Datasheet HTML 36Page - Cirrus Logic CS4239 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
Capture I/O Data Register
(WSSbase+3, R3, Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
CD7-CD0
Capture Data Port. This is the control
register where capture data is read
during programmed I/O data trans-
fers.
The reading of this register will increment the
state machine so that the following read will be
from the next appropriate byte in the sample.
The exact byte which is next to be read can be
determined by reading the Status register (R2).
Once all relevant bytes have been read, the state
machine will point to the last byte of the sample
until a new sample is received from the ADCs.
Once the Status register (R2) is read and a new
sample is received from the FIFO, the state ma-
chine and Status register (R2) will point to the
first byte of the new sample.
During initialization and software power down
of the WSS Codec, this register can NOT be
written and is always read 10000000 (80h)
Playback I/O Data Register
WSSbase+3, R3, Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
PD7PD6
PD5PD4
PD3PD2
PD1PD0
PD7-PD0
Playback Data Port. This is the
control register where playback data
is written during programmed IO
data transfers.
Writing data to this register will increment the
playback byte tracking state machine so that the
following write will be to the correct byte of the
sample. Once all bytes of a sample have been
written, subsequent byte writes to this port are
ignored. The state machine is reset after the
Status register (R2) is read, and the current sam-
ple is sent to the DACs via the FIFOs.
INDIRECT MAPPED REGISTERS
These registers are accessed by placing the ap-
propriate index in the Index Address register
(R0) and then accessing the Indexed Data regis-
ter (R1). A detailed description of each indirect
register is given below. All reserved bits should
be written zero and may be 0 or 1 when read.
Note that indirect registers 16-31 are not avail-
able when in MODE 1 (CMS1,0 in MODE and
ID register I12 are both zero).
Left Analog Loopback (I0)
Default = 000xxxxx
D7
D6
D5
D4
D3
D2
D1
D0
LSS1
LSS0
MGE
res
rbc
rbc
rbc
rbc
MGE
This bit controls the 20 dB gain boost
for the MIC analog input.
LSS1-LSS0
Left output loopback. Setting these
bits to 11 enables the left output
loopback into the input mixer. Bit
combinations of 01, 10, and 00 dis-
able the loopback.
Right Analog Loopback(I1)
Default = 000xxxxx
D7
D6
D5
D4
D3
D2
D1
D0
RSS1
RSS0
MGE
res
rbc
rbc
rbc
rbc
MGE
This bit is identical to the MGE bit in
I0. It controls the 20 dB gain boost
for the MIC analog input.
RSS1-RSS0
Right output loopback. Setting these
bits to 11 enables the right output
loopback into the input mixer. Other
bit combinations disable the loop-
back.
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com