Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 38Page - Cirrus Logic CS4239 Datasheet HTML 39Page - Cirrus Logic CS4239 Datasheet HTML 40Page - Cirrus Logic CS4239 Datasheet HTML 41Page - Cirrus Logic CS4239 Datasheet HTML 42Page - Cirrus Logic CS4239 Datasheet HTML 43Page - Cirrus Logic CS4239 Datasheet HTML 44Page - Cirrus Logic CS4239 Datasheet HTML 45Page - Cirrus Logic CS4239 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
DIV5 - DIV0
Clock Divider. These bits select the
audio sample frequency for both cap-
ture and playback. These bits can
be overridden by IFSE in X11.
Fs = (2*XT)/(M*N)
XT = 24.576 MHz
CS2 = 0
XT = 16.9344 MHz
CS2 = 1
N = DIV5-DIV0
16
≤ N ≤ 49 for XT = 24.576 MHz
12
≤ N ≤ 33 for XT = 16.9344 MHz
(M set by OSM1,0 in I10)
M = 64 for Fs > 24 kHz
M = 128 for 12 kHz < Fs
≤ 24 kHz
M = 256 for Fs
≤ 12 kHz
SRE
Alternate Sample Rate Enable. When
this bit is set to a one, bits 0-3 of I8
will be ignored, and the sample fre-
quency is then determined by CS2,
DIV5-DIV0, and the oversampling
mode bits OSM1, OSM0 in I10. Note
that this register can be overridden
(disabled) by IFSE in X11.
Extended Register Access (I23)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
XA3
XA2
XA1
XA0
XRAE
XA4
res
rbc
XA4
Extended Register Address bit 4.
Along with XA3-XA0, enables ac-
cess to extended registers X16
through X31. MODE 3 only.
XRAE
Extended Register Access Enable.
Setting this bit converts this register
from the extended address register
to the extended data register. To con-
vert back to an address register, R0
must be written. MODE 3 only.
XA3-XA0
Extended Register Address. Along
with XA4, sets the register number
(X0-X31) accessed when XRAE is
set. MODE 3 only. See the
WSS Ex-
tended Register section for more
details.
Alternate Feature Status (I24)
Default = x0000000
D7
D6
D5
D4
D3
D2
D1
D0
res
rbc
CI
PI
CU
CO
PO
PU
PU
Playback Underrun: When set,
indicates the DAC has run out of
data and a sample has been missed.
PO
Playback Overrun: When set,
indicates that the host attempted to
write data into a full FIFO and the
data was discarded.
CO
Capture Overrun: When set,
indicates that the ADC had a sample
to load into the FIFO but the FIFO
was full. In this case, this bit is set
and the new sample is discarded.
CU
Capture Underrun: Indicates the host
has read more data out of the FIFO
than it contained. In this condition,
the bit is set and the last valid byte
is read by the host.
PI
Playback Interrupt: Indicates an
interrupt is pending from the play-
back DMA count registers.
CI
Capture Interrupt: Indicates an
interrupt is pending from the capture
DMA count registers.
The PI and CI bits are reset by writing a "0" to
the particular interrupt bit or by writing any
value to the Status register (R2).
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com