Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 64Page - Cirrus Logic CS4239 Datasheet HTML 65Page - Cirrus Logic CS4239 Datasheet HTML 66Page - Cirrus Logic CS4239 Datasheet HTML 67Page - Cirrus Logic CS4239 Datasheet HTML 68Page - Cirrus Logic CS4239 Datasheet HTML 69Page - Cirrus Logic CS4239 Datasheet HTML 70Page - Cirrus Logic CS4239 Datasheet HTML 71Page - Cirrus Logic CS4239 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
The CS9236 data is sent to DAC2 which can be
summed into the input or output mixer. Volume
control for the serial port is supported through
I18 and I19 in the WSS register space.
ZVPORT SERIAL INTERFACE
The ZVPORT interface consists of three input
pins: ZLRCK, ZSCLK, and ZSDATA. ZLRCK
is the Left/Right clock indicating which channel
is currently being received. ZSCLK is the serial
bit clock where ZLRCK and ZSDATA change on
the falling edge and serial data is internally
latched on the rising edge. Note that the serial
data starts one ZSCLK period after ZLRCK tran-
sitions. Figure 10 illustrates the clocking on the
ZVPORT pins.
The ZVPORT interface is enabled by setting
ZVEN in X18. The initial state of ZVEN on
power-up can be set from the Hardware Con-
figuration, Global Configuration Byte 2. Once
enabled, the ZVPORT interface is connected to
DAC2. When DAC2 is being used for ZVPORT,
it cannot be used for other devices such as
CS9236 Wavetable serial interface, CS4610 DSP
serial interface, or internal FM synthesizer. Vol-
ume control for the ZVPORT is supported
through I18 and I19 in the WSS register space.
An activity bit, ZVA, exists in the Global Status
register, CTRLbase+7 (or X30 in WSS space)
which is high when activity exists on the
ZVPORT. When the ZVPORT is enabled
(ZVEN = 1), the CS4239 automatically detects a
clock on the ZLRCK pin and switches to the
ZVPORT interface when the clock is present.
When the ZLRCK is not present, the CS4239
automatically switches back to FM/Wavetable.
WSS CODEC SOFTWARE DESCRIPTION
The WSS Codec must be in Mode Change En-
able Mode (MCE=1) before any changes to the
Interface Configuration register (I9) or the Sam-
ple Frequency (lower four bits) in the Fs &
Playback Data Format registers (I8) are allowed.
The actual audio data formats, which are the up-
per four bits of I8 for playback and I28 for
capture, can be changed by setting MCE (R0) or
PMCE/CMCE (I16) high. The exceptions are
CEN and PEN which can be changed "on-the-
fly" via programmed I/O writes. All outstanding
DMA transfers must be completed before new
values of CEN or PEN are recognized.
ZLRCK
ZSCLK
Left Channel
Right Channel
ZSDATA
6 54 3 210
98 7
15 14 13 12 11 10
654 32 10
9 87
15 14 13 12 11 10
Figure 10. ZVPORT Clocking Format
BRESET
SDATA
LRCLK
MCLK
CS9236
MCLK5I
LRCLK
MIDI_IN
SOUT
XTAL3I
PDN
RST
MIDOUT
MIDIN
Joystick Connector
Midi Out
Midi In
100
Ω
100k
Ω
100k
Ω
Figure 11. CS9236 Wavetable Serial Port Interface
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com