Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 23Page - Cirrus Logic CS4239 Datasheet HTML 24Page - Cirrus Logic CS4239 Datasheet HTML 25Page - Cirrus Logic CS4239 Datasheet HTML 26Page - Cirrus Logic CS4239 Datasheet HTML 27Page - Cirrus Logic CS4239 Datasheet HTML 28Page - Cirrus Logic CS4239 Datasheet HTML 29Page - Cirrus Logic CS4239 Datasheet HTML 30Page - Cirrus Logic CS4239 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
face is disabled. The DIN/EEN bit is also the
Data In (DIN) signal to read back data from the
E
2PROM. The SDA pin is a bi-directional open-
drain data line supporting DIN and DOUT;
therefore, to read the correct data, the DOUT bit
must be set to a one prior to performing a read
of the register. Otherwise, the data read back
from DIN/EEN will be all zeros. The E
2PROM
data can then be read from the DIN/EEN bit.
The CLK bit timing is controlled by the host
software. This is the serial clock for the
E
2PROM output on the SCL pin. The DOUT bit
is used to write/program the data out to the
E
2PROM. An external pull-up resistor is re-
quired on SDA because it is an open-drain
output. Use the guidelines in the specific
E
2PROM data sheet to select the value of the
pull-up resistor (a typical value would be
3.3 k
Ω).
Programming the E
2PROM:
1. Configure Control I/O base address by one
of two methods: regular PnP cycle or Crystal
Key method.
a. The host can use the regular PnP cycle to
program the logical device 2 I/O base ad-
dress, and then place the chip in the
wait_for_key_state
b. If the Crystal Key method is used:
First, write to the AP, send the 32-byte
Crystal key.
Second, configure the Control I/O base
address by writing 15h, 02h, 47h, 01h,
20h, 33h, 01h, 79h to the AP.
2. Refer to the specific data sheet for the
E
2PROM you are using for timing require-
ments and data format. Also, refer to the
Loading Resource Data section of this data
sheet for the E
2PROM resource data format.
3. Send the E
2PROM data in successive bits to
CTRLbase+1 (Hardware Control Register)
while following the E
2PROM data sheet for-
mat.
The E
2PROM now contains the PnP resource
data. For this new data to take effect, the part
must be reset, causing the part to read the
E
2PROM during initialization. Cirrus can pro-
vide a utility, RESOURCE.EXE, to program
E
2PROMs through the Control logical device in-
terface.
WINDOWS SOUND SYSTEM CODEC
The WSS Codec software interface consists of
4 I/O locations starting at the Plug and Play ad-
dress ’WSSbase’, and supports 12-bit address
decoding. If the upper address bits, SA12-SA15
are used, they must be 0 to decode a valid ad-
dress. The WSS Codec also requires one
interrupt and one or preferably two DMA chan-
nels, one for playback and one for capture. Since
the WSS Codec and Sound Blaster device are
mutually exclusive, the two devices share the
same interrupt and DMA playback channel.
S 1 0 1 00 00 0 A 0000000 0 A S 1 0100001 A
Data
Data
P
1
A
Start
Part
Address
Start
Acknowledge
No
Acknowledge
Stop
Acknowledge
Data
EEPROM
Write
Read
Bank
Address
Part
Address
Crystal IC
Figure 3. EEPROM Format
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com