Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 55Page - Cirrus Logic CS4239 Datasheet HTML 56Page - Cirrus Logic CS4239 Datasheet HTML 57Page - Cirrus Logic CS4239 Datasheet HTML 58Page - Cirrus Logic CS4239 Datasheet HTML 59Page - Cirrus Logic CS4239 Datasheet HTML 60Page - Cirrus Logic CS4239 Datasheet HTML 61Page - Cirrus Logic CS4239 Datasheet HTML 62Page - Cirrus Logic CS4239 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
Block Power Down
CTRLbase+2, Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
PDWN
SRC
VREF
MIX
ADC1
DAC1
PROC
FM
FM
Internal FM synthesizer powered
down when set.
PROC
Processor set to idle mode. When set,
places the internal processor in an
idle state. This effects the PnP inter-
face, MPU401, and SBPro devices.
Any command to any one of these
interfaces will cause the processor
to go active.
DAC1
DAC1 power down. When set, powers
down DAC1. Playback is disabled.
ADC1
ADC1 power down. When set, powers
down the ADC1. Capture is disabled.
MIX
Mixer power down. All analog input
and output channels are powered
down. All outputs are centered
around VREF if the VREF bit is set.
A reset is not required to maintain
the calibrated state if the mixer is
powered down but the VREF bit is
not set.
VREF
VREF power down. When set, powers
down the entire mixer. Since
powering down VREF, powers down
the entire analog section, some audi-
ble pops can occur.
SRC
Internal Sample-Rate Converters are
powered down. Only 44.1 kHz sam-
ple frequency is allowed when this
bit is set.
PDWN
Global Power Down with data reten-
tion. When set, the entire chip is
powered down, except reads and
writes to this register. When this bit
is cleared, a full calibration is initi-
ated. All registers retain their values;
therefore, normal operation can re-
sume after calibration is completed.
NOTE: Software should mute the DACs and Mixers
and FM volume when asserting any power-down
modes to prevent clicks and pops.
Control Indirect Address Register
CTRLbase+3
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
CA3
CA2
CA1
CA0
CA3-CA0
Address bits to access the Control
Indirect registers C0-C9 through
CTRLbase+4
Control Indirect Data Register
CTRLbase+4
D7
D6
D5
D4
D3
D2
D1
D0
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
CD7-CD0
Control Indirect Data register. This
register provides access to the indi-
rect registers C0-C9, where
CTRLbase+3 selects the actual reg-
ister. See the
Control Indirect
Register section for more details.
Control/RAM Access
CTRLbase+5
D7
D6
D5
D4
D3
D2
D1
D0
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
CR7-CR0
This register controls the loading of
the part’s internal RAM. RAM sup-
port includes hardware configuration
and PnP default resource data, as
well as program memory. See the
Hostload Procedure section for more
information. Commands are followed
by address and data information.
Commands:
0x55 - Disable PnP Key
0x56 - Disable Crystal Key
0x53 - Disable Crystal Key 2
0x5A - Update Hardware Configura-
tion Data.
0xAA - Download RAM. Address
followed by data. (Stopped by writ-
ing 0 to CTRLbase+6)
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com