Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 81Page - Cirrus Logic CS4239 Datasheet HTML 82Page - Cirrus Logic CS4239 Datasheet HTML 83Page - Cirrus Logic CS4239 Datasheet HTML 84Page - Cirrus Logic CS4239 Datasheet HTML 85Page - Cirrus Logic CS4239 Datasheet HTML 86Page - Cirrus Logic CS4239 Datasheet HTML 87Page - Cirrus Logic CS4239 Datasheet HTML 88Page - Cirrus Logic CS4239 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
RAUX2 - Right Auxiliary #2 Input
Nominally 1 VRMS max analog input for the Right AUX2 channel, centered around VREF. A
programmable gain block provides volume control and is located in I5. Typically used for the
Right channel CDROM input.
CMAUX2 - Common Mode Auxiliary #2 Input
Common mode ground input for the LAUX2 and RAUX2 inputs. Typically connected to the
CDROM ground input to provide common-mode noise rejection. The impedance on this pin
should be one half the impedance on the LAUX2 and RAUX2 inputs.
MIN - Mono Input
Nominally 1 VRMS max analog input, centered around VREF, that goes through a
programmable gain stage (I26) into both channels of the output mixer. This is a general purpose
mono analog input that is normally used to mix the typical "beeper" signal on most computers
into the audio system.
REFFLT - Reference Filter, Input
Voltage reference used internal to the part. A 0.1
µF and a 1 µF capacitor with short fat traces
must be connected between this pin and AGND. No other connections should be made to this
pin.
Analog Outputs
LOUT - Left Line Level Output
Analog output from the mixer for the left channel. Nominally 1 VRMS max centered around
VREF. This pin needs a 1000 pF NPO capacitor attached and tied to analog ground.
ROUT - Right Line Level Output
Analog output from the mixer for the Right channel. Nominally 1 VRMS max centered around
VREF. This pin needs a 1000 pF NPO capacitor attached and tied to analog ground.
FLT3D - 3D Filter
This pin needs a 0.01
µF capacitor attached and tied to analog ground.
FLTO - Filter Output
This pin needs a 1000 pF NPO capacitor attached and tied to FLTI.
FLTI - Filter Input
This pin needs a 1000 pF NPO capacitor attached and tied to FLTO.
VREF - Voltage Reference, Output
All analog inputs and outputs are centered around VREF which is nominally 2.1 Volts. This pin
may be used to level shift external circuitry, although any AC loads should be buffered.
CS4239
CrystalClear Portable ISA Audio System
TM
DS253PP2
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com