Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 2Page - Cirrus Logic CS4239 Datasheet HTML 3Page - Cirrus Logic CS4239 Datasheet HTML 4Page - Cirrus Logic CS4239 Datasheet HTML 5Page - Cirrus Logic CS4239 Datasheet HTML 6Page - Cirrus Logic CS4239 Datasheet HTML 7Page - Cirrus Logic CS4239 Datasheet HTML 8Page - Cirrus Logic CS4239 Datasheet HTML 9Page - Cirrus Logic CS4239 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
DIGITAL CHARACTERISTICS
(TA = 25°C; VA, VDF1-VDF3 = 5 V, VD1 = 5 V/3 V; AGND, DGND1, SGND1-SGND4 = 0 V.)
Parameter
Symbol
Min
Max
Units
High-level Input Voltage
Digital Inputs
XTALI
VIH
2.0
VDF-1.0
V
V
Low-level Input Voltage
VIL
0.8
V
High-level Output Voltage:
ISA Bus Pins
I0 = -24.0 mA
IOCHRDY, SDA
(Note 6)
All Others
I0 = -1.0 mA
VOH
2.4
2.4
VD1
VDF
VDF
V
V
V
Low-level Output Voltage:
ISA Bus Pins
I0 = 24.0 mA
MCLK, SDOUT, MIDOUT, IOCHRDY
I0 = 8.0 mA
All Others
I0 = 4.0 mA
VOL
0.4
0.4
0.4
V
V
V
Input Leakage Current
(Digital Inputs)
-10
10
µA
Output Leakage Current
(High-Z Digital Outputs)
-10
10
µA
Note
6. Open Collector pins. High level output voltage dependent on external pull up (required) used and
number of peripherals (gates) attached.
ABSOLUTE MAXIMUM RATINGS (AGND, DGND, SGND = 0 V, all voltages with respect to 0 V.)
Parameter
Symbol
Min
Max
Units
Power Supplies:
Digital
Analog
VD1
VDF1-VDF3
VA
-0.3
-0.3
-0.3
6.0
6.0
6.0
V
V
V
Total Power Dissipation
(Supplies, Inputs, Outputs)
1
W
Input Current per Pin
(Except Supply Pins)
-10.0
+10.0
mA
Output Current per Pin
(Except Supply Pins)
-50
+50
mA
Analog Input Voltage
-0.3
VA+0.3
V
Digital Input Voltage:
SA<11:0>, IOR, IOW, AEN
SD<7:0>, DACK<A:C>
All other digital inputs
-0.3
-0.3
VD1+0.3
VDF+0.3
V
V
Ambient Temperature
(Power Applied)
-55
+125
°C
Storage Temperature
-65
+150
°C
Warning:
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CrystalClear Portable ISA Audio System
TM
CS4239
6
DS253PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com