Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 48Page - Cirrus Logic CS4239 Datasheet HTML 49Page - Cirrus Logic CS4239 Datasheet HTML 50Page - Cirrus Logic CS4239 Datasheet HTML 51Page - Cirrus Logic CS4239 Datasheet HTML 52Page - Cirrus Logic CS4239 Datasheet HTML 53Page - Cirrus Logic CS4239 Datasheet HTML 54Page - Cirrus Logic CS4239 Datasheet HTML 55Page - Cirrus Logic CS4239 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
VCF1
Hardware Volume Control Format.
This bit controls the format of the
UP, DOWN, and MUTE pins. VCF1
is initialized in the E
2PROM Hard-
ware Configuration data, Global
Configuration byte.
0 - MUTE is a momentary button.
Pressing MUTE toggles between
mute and un-mute. Pressing UP or
DOWN will always un-mute.
1 - MUTE is not used. Pressing the
up and down buttons simultane-
ously causes the volume to mute.
Pressing up or down singularly will
un-mute.
VCIE
Volume Control Interrupt Enable.
When set, the hardware volume
control pins cause interrupts, when
pressed, on the WSSint pin. The
status is available in CTRLbase+7,
IMV bit. The IMV bit is cleared by
reading CTRLbase+7.
Chip Version and ID (X25)
Default = 11011110
D7
D6
D5
D4
D3
D2
D1
D0
V2
V1
V0
CID4
CID3
CID2
CID1
CID0
CID5-CID0
Chip Identification. Distinguishes
between this chip and other codec
chips that support this register set.
This register is identical to C1 and
replaces the ID register in I25.
11110 - CS4239
V2-V0
Version Number. As enhancements
are made, the version number is
changed so software can distinguish
between the different versions of the
same chip.
100 - Revision A
101 - Revision B
110 - Revision C
Joystick Control (X26)
Default = xx0x0x01
D7
D6
D5
D4
D3
D2
D1
D0
rbc
rbc
CONSW
rbc
ZERO
rbc
JR1
JR0
X26 and CTRLbase+0 access the same data with the
exception that the XTAL bit in CTRLbase is replaced
with ZERO in this register.
JR1,0
Joystick rate control. Selects operating
speed of the joystick (changes the
trigger threshold for the X/Y coordi-
nates).
00 - slowest speed
01 - medium slow speed
10 - medium fast speed
11 - fastest speed
ZERO
This bit MUST be written to 0. Writing
this bit to 1 will disable all accesses
to the WSS register space.
CONSW
controls host interrupt generation
when a context switch occurs
0 - no interrupt on context switch
1 - Control interrupt generated on
context switch
E
2PROM Interface (X27)
CTRLbase+1, Default = 1xxxx000
D7
D6
D5
D4
D3
D2
D1
D0
ICH
rbc
rbc
rbc
rbc
DIN/
EEN
DOUT
CLK
X27 and CTRLbase+1 access the same data.
CLK
This bit is used to generate the clock
for the Plug and Play E
2PROM.
EEN must be set to 1 to make this
bit operational. A 1 sets the SCL pin
high and a 0 sets the SCL pin low.
DOUT
This bit is used to output serial data
to the Plug and Play E
2PROM. EEN
must be set to 1 to make this bit op-
erational. A 0 causes SDA to go low.
A 1 releases SDA (open-drain).
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com