Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 18Page - Cirrus Logic CS4239 Datasheet HTML 19Page - Cirrus Logic CS4239 Datasheet HTML 20Page - Cirrus Logic CS4239 Datasheet HTML 21Page - Cirrus Logic CS4239 Datasheet HTML 22Page - Cirrus Logic CS4239 Datasheet HTML 23Page - Cirrus Logic CS4239 Datasheet HTML 24Page - Cirrus Logic CS4239 Datasheet HTML 25Page - Cirrus Logic CS4239 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
(Hostload), the first four bytes are not needed;
therefore, the configuration data is only 19 bytes
long. The configuration data maps the many
functions of the logical devices to the physical
pins of the chip. Table 2 lists the Hardware Con-
figuration bytes. The detailed bit descriptions for
each byte follows. While the reserved bits are
listed as "res" in the bit position (and must al-
ways be written as 0), "rbc" is used for
"reserved, backwards compatible" for bits that
were used on previous chips, but are no longer
required on this chip. These bits are read/wri-
table but should generally be set to 0 for
backwards compatibility.
BYTE
Default
Description
155h
E
2PROM validation byte 1.
The first two bytes indicate that the E
2PROM exists.
2
BBh
E
2PROM validation byte 2
3
00h
High byte for length of data in E
2PROM
4
DDh
Low byte for length of data in E
2PROM
5
00h
Alternate CDROM (Logical Device 4), ACDbase, Address length mask
6
03h
RESERVED
7
80h
Misc. Configuration Bits: CDROM Interrupt Polarity, Key Disables, VCEN
8
00h
Global Configuration Byte: IFM, VCF1, WTEN
9
05h
Code Base Byte
10
20h
FM Volume Scaling
11*
04h
RESERVED - Must be 0x04
12*
08h
RESERVED - Must be 0x08
13*
10h
RESERVED - Must be 0x10
14
80h
Mono and DSP Port Control
15
00h
E
2PROM Checksum
16
00h
Global Configuration Byte 2: EECS, AUX1R, 3DEN, DSPD1, PSH
17
08h
CDROM (Logical Device 4), CDbase, Address length
18*
48h
RESERVED - Must be 0x48
19
75h
IRQ A/B Selection: Lower nibble = A, Upper nibble = B.
Along with next two bytes - specify hardware interrupts tied to IRQA-IRQF pins
20
B9h
IRQ C/D Selection: Lower nibble = C, Upper nibble = D.
21
FCh
IRQ E/F Selection: Lower nibble = E, Upper nibble = F.
22
10h
DMA A/B Selection: Lower nibble = A, Upper nibble = B.
This byte and the next byte specify hardware DRQ/DACKs tied to the DMAA-DMAC pins
and the 7th IRQ pin - IRQ G
23
03h
DMA C/IRQ G Selection: Lower nibble = DMA C, Upper nibble = IRQ G
NOTE:The first four bytes are exclusive to the E
2PROM and are not used in the Hostload mode.
* Currently not supported. Must be set to default values given in the table.
Table 2. Hardware Configuration Data
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com