Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 53Page - Cirrus Logic CS4239 Datasheet HTML 54Page - Cirrus Logic CS4239 Datasheet HTML 55Page - Cirrus Logic CS4239 Datasheet HTML 56Page - Cirrus Logic CS4239 Datasheet HTML 57Page - Cirrus Logic CS4239 Datasheet HTML 58Page - Cirrus Logic CS4239 Datasheet HTML 59Page - Cirrus Logic CS4239 Datasheet HTML 60Page - Cirrus Logic CS4239 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
Two bits, JR1 and JR0, are located in the Con-
trol register space (CTRLbase+0) for defining
the speed of the Game Port Interface. Four dif-
ferent rates are software selectable for use with
various joysticks and to support older software
timing loops with aliasing (roll-over) problems.
The Game Port hardware interface consists of
8 pins that connect directly to the standard game
port connector. Buttons must have a 1000 pF ca-
pacitor to ground and have internal 20 k
Ω
pullups resistors. X/Y coordinates must have a
5.6 nF capacitor to ground and a 2.2 k
Ω series
resistor to the appropriate joystick connector pin.
Figure 5 illustrates the schematic to the joystick
connector.
VDF
CRYSTAL
CODEC
1 nF
1
9
8
4
5
2
10
7
14
12
15
1 nF
5.6 nF
5.6 nF
2.2 k
Ω
2.2 k
Ω
MIDIN
MIDOUT
JAB2
JBB2
JACY
JBCY
JBCX
JACX
JBB1
JAB1
3
11
13
6
1 nF
1 nF
2.2 k
Ω
2.2 k
Ω
5.6 nF
5.6 nF
Figure 5. Joystick Logic
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com