Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 37Page - Cirrus Logic CS4239 Datasheet HTML 38Page - Cirrus Logic CS4239 Datasheet HTML 39Page - Cirrus Logic CS4239 Datasheet HTML 40Page - Cirrus Logic CS4239 Datasheet HTML 41Page - Cirrus Logic CS4239 Datasheet HTML 42Page - Cirrus Logic CS4239 Datasheet HTML 43Page - Cirrus Logic CS4239 Datasheet HTML 44Page - Cirrus Logic CS4239 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
TEST
Factory Test. These bits are used for
factory testing and must remain at 0
for normal operation.
Left DAC2 Volume (I18)
Default = 00000111
D7
D6
D5
D4
D3
D2
D1
D0
LD2OM LD2IM
rbc
LD2A4 LD2A3 LD2A2
LD2A1
LD2A0
Note: When AUX1R in X18 is set, this register also
controls the volume for the LAUX1 analog input. See
I2 description for volume description of LAUX1.
LD2A4-LD2A0 Left DAC2 Attenuation. The least sig-
nificant bit represents 1.5 dB, with
01000 = 0 dB. The total range is
+12 dB to -33.0 dB with
11111 = muted. See Table 8.
LD2IM
Left DAC2 Input Mute. When set,
the left DAC2 to the input mixer is
muted.
LD2OM
Left DAC2 Output Mute. When set,
the left DAC2 to the output mixer is
muted.
Right DAC2 Volume (I19)
Default = 11000111
D7
D6
D5
D4
D3
D2
D1
D0
RD2OM RD2IM
rbc
RD2A4 RD2A3 RD2A2 RD2A1 RD2A0
Note: When AUX1R in X18 is set, this register also
controls the volume for the RAUX1 analog input. See
I3 description for volume description of RAUX1.
RD2A4-RD2A0 Right DAC2 Attenuation. The least
significant bit represents 1.5 dB, with
01000 = 0 dB. The total range is
+12 dB to -33.0 dB with
11111 = muted. See Table 8.
RD2IM
Right DAC2 Input Mute. When set,
the Right DAC2 to the input mixer is
muted.
RD2OM
Right DAC2 Output Mute. When set,
the right DAC2 to the output mixer is
muted.
Control/RAM Access (I20)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
This register is identical to CTRLbase+5. For back-
wards compatibility, this register is not enabled until
PAE in X18 is set. When PAE is clear, this register is
read/writable, but does nothing.
CR7-CR0
This register controls the loading of
the part’s internal RAM as well as in-
ternal processor commands. See the
Hostload Procedure section as well
as CTRLbase+5 register description
for more details.
RAM Access End (I21)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
This register is identical to CTRLbase+6. For back-
wards compatibility, this register is not enabled until
PAE in X18 is set. When PAE is clear, this register is
read/writable, but does nothing.
RE7-RE0
A 0 written to this location resets the
previous location, I20, from data
download mode, to command mode.
Alternate Sample Frequency Select (I22)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
SRE
DIV5DIV4DIV3DIV2
DIV1DIV0
CS2
CS2
Clock 2 Base Select. This bit selects
the base clock frequency used for
generating the audio sample rate.
Note that the part uses only one
crystal to generate both clock base
frequencies. This bit can be disabled
by setting IFSE in X11.
0 - 24.576 MHz base
1 - 16.9344 MHz base
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com