Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 47Page - Cirrus Logic CS4239 Datasheet HTML 48Page - Cirrus Logic CS4239 Datasheet HTML 49Page - Cirrus Logic CS4239 Datasheet HTML 50Page - Cirrus Logic CS4239 Datasheet HTML 51Page - Cirrus Logic CS4239 Datasheet HTML 52Page - Cirrus Logic CS4239 Datasheet HTML 53Page - Cirrus Logic CS4239 Datasheet HTML 54Page - Cirrus Logic CS4239 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
ity when AUX1 analog inputs are
substituted for LINE analog inputs
which are no longer available.
PAE
Processor Access Enable. When set,
I20/21 provide access to the Proces-
sor identically to CTRLbase+5/+6
respectively.
FM Volume Scaling (X19)
Default = xeeexxxx
D7
D6
D5
D4
D3
D2
D1
D0
res
FMS2
FMS1
FMS0
res
res
res
res
FMS2-FMS0
FM Volume Scaling relative to wave-
table digital input. These bits are
provided for backwards compatibility
with previous chips. These bits are
initialized through Hardware Configu-
ration data.
010 -
0 dB
011 - +6 dB
100 - -12 dB
101 - -6 dB
110 - +12 dB
111 - +18 dB
Reserved (X20)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
res
res
res
res
res
Reserved. Could read as 0 or 1.
Reserved (X21)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
res
res
res
res
res
Reserved. Could read as 0 or 1.
Reserved (X22)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
res
res
res
res
res
Reserved. Could read as 0 or 1.
3D Space Control (X23)
Default = 0000xxxx
D7
D6
D5
D4
D3
D2 D1
D0
SPC3
SPC2
SPC1
SPC0
res
res
res
res
This register and C2 access the same data.
SPC3-SPC0
Space control for 3D sound.
Control’s the "width" of the sound ex-
pansion with increasing numbers
giving decreasing space affects. The
least sigificant bit represents 1.5 dB
of attenuation, with 0000 = 0 dB (full
space affect).
CS9236 Wavetable Control (X24)
Default = 0exxee00
D7
D6
D5
D4
D3
D2
D1
D0
VCIE
VCF1
res
res
WTEN
VCEN DMCLK BRES
This register and C8 access the same data.
BRES
Force BRESET low. When set, the
BRESET pin is forced low. Typically
used for power management of pe-
ripheral devices.
DMCLK
Disable MCLK. When set, the MCLK
pin of the CS9236 Wavetable Syn-
thesizer serial interface is forced low
providing a power savings mode.
VCEN
Volume Control Enable. When set,
the UP, DOWN, and MUTE pins be-
come active and provide hardware
master volume control for the line
outputs. Note that this bit can be in-
itialized at power-up through
Hardware Configuration data, Misc.
Configuration Byte.
WTEN
Wavetable Serial Port Enable. When,
set, the CS9236 Single-Chip Wave-
table Music Synthesizer serial port
pins are enabled. WTEN can be in-
itialized in the E
2PROM Hardware
Configuration data, Global Configura-
tion byte.
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com