Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 16Page - Cirrus Logic CS4239 Datasheet HTML 17Page - Cirrus Logic CS4239 Datasheet HTML 18Page - Cirrus Logic CS4239 Datasheet HTML 19Page - Cirrus Logic CS4239 Datasheet HTML 20Page - Cirrus Logic CS4239 Datasheet HTML 21Page - Cirrus Logic CS4239 Datasheet HTML 22Page - Cirrus Logic CS4239 Datasheet HTML 23Page - Cirrus Logic CS4239 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
Bypassing Plug and Play
The SLAM method allows the user to bypass the
Plug and Play features and, as an option, allows
the part to act like a non-Plug and Play or legacy
device; however, the SLAM method only sup-
ports one Cirrus ISA Audio IC per system. The
user directly programs the resources into the
part, and then optionally disables the PnP and/or
the Crystal Key, which forces the part to disre-
gard any future PnP or Crystal initiation key
sequences (All activated logical devices appear
as legacy devices to PnP). The Crystal and PnP
keys can also be disabled through the E
2PROM.
The SLAM method uses the Address Port (AP)
similarly to Plug-and-Play. Although the standard
AP is 279h, two other selections are available for
non-standard implementations. See the Address
Port Configuration section for more details.
To use the SLAM method, the following se-
quence must be followed:
1. Host sends 32-byte Crystal key to the AP,
chip enters configuration mode.
2. Host programs CSN (Card Select Number)
by writing a 06h and 00h to the AP.
3. Host programs the configuration registers of
each logical device by writing to the AP. The
following data is the maximum amount of in-
formation per device. All current devices only
need a subset of this data:
Logical Device ID (15h, xxh)
xxh is logical device number: 0-5
I/O Port Base Address 0 (47h, xxh, xxh)
high byte , low byte
I/O Port Base Address 1 (48h, xxh, xxh)
high byte , low byte
I/O Port Base Address 2 (42h, xxh, xxh)
high byte , low byte
Interrupt Select 0 (22h, xxh)
Interrupt Select 1 (27h, xxh)
DMA Select 0 (2Ah, xxh)
DMA Select 1 (25h, xxh)
Activate Device (33h, 01h)
(33h, 00h deactivates a device)
4. Repeat #3 for each logical device to be en-
abled. (Not all devices need be enabled.)
5. Host activates chip by writing a 79h to AP.
6. (Optional) Host disables PnP Key by writing
a 55h to CTRLbase+5. The part will not par-
ticipate in any future PnP cycles. The Crystal
Key can also be disabled by writing a 56h to
CTRLbase+5.
NOTE: To enable the PnP/Crystal Keys after
they have been disabled by the SLAM
method, bring the RESDRV pin to a logic
high or remove power from the device.
The following illustrates typical data sent using
the SLAM method.
006h, 001h
; CSN=1
015h, 000h
; LOGICAL DEVICE 0
047h, 005h, 034h ; WSSbase = 0x534
048h, 003h, 088h ; SYNbase = 0x388
042h, 002h, 020h ; SBbase = 0x220
022h, 005h
; WSS & SB IRQ = 5
02Ah, 001h
; WSS & SB DMA0 = 1
025h, 003h
; WSS capture DMA1 = 3
033h, 001h
; activate logical device 0
015h, 001h
; LOGICAL DEVICE 1
047h, 002h, 000h ; GAMEbase = 0x200
033h, 001h
; activate logical device 1
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com