Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 26Page - Cirrus Logic CS4239 Datasheet HTML 27Page - Cirrus Logic CS4239 Datasheet HTML 28Page - Cirrus Logic CS4239 Datasheet HTML 29Page - Cirrus Logic CS4239 Datasheet HTML 30Page - Cirrus Logic CS4239 Datasheet HTML 31Page - Cirrus Logic CS4239 Datasheet HTML 32Page - Cirrus Logic CS4239 Datasheet HTML 33Page - Cirrus Logic CS4239 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
ways set in register I28.) If both playback and
capture are enabled, the default will be playback.
SDC does not have any affect when using PIO
accesses.
Sound System Codec Register Interface
The Windows Sound System codec is mapped
via four locations. The I/O base address,
WSSbase, is determined by the Plug and Play
configuration. The WSSbase supports four direct
registers, shown in Table 3. The first two direct
registers are used to access 32 indirect registers
shown in Table 4. The Index Address register
(WSSbase+0) points to the indirect register that
is accessed through the Indexed Data register
(WSSbase+1).
This section describes all the direct and indirect
registers for the WSS Codec. Table 5 details a
summary of each bit in each register with Ta-
bles 6 through 10 illustrating the majority of
decoding needed when programming the WSS
logical device, and are included for reference.
When enabled, the WSS Codec default state is
defined as MODE 1. MODE 1 is backwards
compatible with the CS4248 and only allows ac-
cess to the first 16 indirect registers. Putting the
part in MODE 2 or MODE 3, using CMS1,0 bits
in the MODE and ID register (I12), allows ac-
cess to indirect registers 16 through 31. Putting
the part in MODE 3 also allows access to the
extended registers through I23 and other ex-
tended features in the indirect registers.
Direct Registers: (R0-R3)
Address
Reg.
Register Name
WSSbase+0
R0
Index Address register
WSSbase+1
R1
Indexed Data register
WSSbase+2
R2
Status register
WSSbase+3
R3
PIO Data register
Table 3. WSS Codec Direct Register
Index
Register Name
I0
Left Analog Loopback
I1
Right Analog Loopback
I2
Left Aux #1 Volume
I3
Right Aux #1Volume
I4
Left Aux #2 Volume
I5
Right Aux #2 Volume
I6
Left DAC1 Volume
I7
Right DAC1 Volume
I8
Fs & Playback Data Format
I9
Interface Configuration
I10
Pin Control
I11
Error Status and Initialization
I12
MODE and ID
I13
Reserved
I14
Playback Upper Base Count
I15
Playback Lower Base Count
I16
Alternate Feature Enable I
I17
Alternate Feature Enable II
I18
Left DAC2 Volume
I19
Right DAC2 Volume
I20
Control/RAM Access
I21
RAM Access End
I22
Alternate Sample Frequency
I23
Extended Register Access (X regs)
I24
Alternate Feature Status
I25
Compatibility ID
I26
Mono Input Control
I27
Left Master Output Volume
I28
Capture Data Format
I29
Right Master Output Volume
I30
Capture Upper Base Count
I31
Capture Lower Base Count
Table 4. WSS Codec Indirect Registers
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com