Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 79Page - Cirrus Logic CS4239 Datasheet HTML 80Page - Cirrus Logic CS4239 Datasheet HTML 81Page - Cirrus Logic CS4239 Datasheet HTML 82Page - Cirrus Logic CS4239 Datasheet HTML 83Page - Cirrus Logic CS4239 Datasheet HTML 84Page - Cirrus Logic CS4239 Datasheet HTML 85Page - Cirrus Logic CS4239 Datasheet HTML 86Page - Cirrus Logic CS4239 Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
ISA Bus Interface Pins
SA<11:0> - System Address Bus, Inputs
These signals are decoded during I/O cycles to determine access to the various functional
blocks within the part as defined by the configuration data written during a Plug and Play
configuration sequence.
SA<15:12> - Upper System Address Bus, Inputs
These signals are multi-function pins, shared with the CDROM, that default to the upper
address bits SA12 through SA15. These pins are generally used for motherboard designs that
want to eliminate address decode aliasing. Using these pins as upper address bits forces the part
to only accept valid address decodes when A12-A15 = 0. If these pins are not used for address
decodes or for CDROM support, they should be tied to SGND. These pins are forced to the
CDROM interface when a 10 k
Ω resistor is placed on pin MCLK/SCLK to SGND.
SD<7:0> - System Data Bus, Bi-directional, 24 mA drive
These signals are used to transfer data to and from the part.
AEN - Address Enable, Input
This signal indicates whether the current bus cycle is an I/O cycle or a DMA cycle. This signal
is low during an I/O cycle and high during a DMA cycle.
IOR - Read Command Strobe, Input
This active low signal defines a read cycle to the part. The cycle may be a register read or a
read from the part’s DMA registers.
IOW - Write Command Strobe, Input
This active low signal indicates a write cycle to the part. The cycle may be a write to a control
register or a DMA register.
IOCHRDY - I/O Channel Ready, Open Drain Output, 8 mA drive
This signal is driven low by the part during ISA bus cycles in which the part is not able to
respond within a minimum cycle time. IOCHRDY is forced low to extend the current bus
cycle. The bus cycle is extended until IOCHRDY is brought high.
DRQ<A,B,C> - DMA Requests, Outputs, 24 mA drive
These active high outputs are generated when the part is requesting a DMA transfer. This signal
remains high until all the bytes have been transferred as defined by the current transfer data
type. The DRQ<A,B,C> outputs must be connected to 8-bit DMA channel request signals only.
The defaults on the ISA bus are DRQA = DRQ0, DRQB = DRQ1, and DRQC = DRQ3. The
defaults can be changed by modifying the Hardware Resource data.
CS4239
CrystalClear Portable ISA Audio System
TM
DS253PP2
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com