Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4239 Datasheet HTML 1Page - Cirrus Logic CS4239 Datasheet HTML 2Page - Cirrus Logic CS4239 Datasheet HTML 3Page - Cirrus Logic CS4239 Datasheet HTML 4Page - Cirrus Logic CS4239 Datasheet HTML 5Page - Cirrus Logic CS4239 Datasheet HTML 6Page - Cirrus Logic CS4239 Datasheet HTML 7Page - Cirrus Logic CS4239 Datasheet HTML 8Page - Cirrus Logic CS4239 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
ANALOG CHARACTERISTICS (Continued)
CS4239-JQ
CS4239-KQ
Parameter*
Symbol Min
Typ
Max
Min
Typ
Max
Units
Analog Output Characteristics (PC-D-A) - Volume set to 0 dB unless otherwise specified.
DAC1 Resolution
(Note 1)
16
-
-
16
-
-
Bits
DAC1 Differential Nonlinearity
(Note 1)
-
-
±0.5
--
±0.5
LSB
DAC1 Frequency Response
Ac =
±1 dB
FR
-
-
-
20
-
19000
Hz
DAC1 Dynamic Range
DR
-
-86
-
-80
-86
-
dB FS A
DAC1 Total Harmonic Distortion + Noise
-3 dB FS input
(Note 3)
THD+N
-
-80
-
-75
-80
dB FS A
DAC1 Interchannel Isolation
(Notes 1,3)
10 kHz input
-
-90
-
-80
-90
-
dB
DAC1 Interchannel Gain Mismatch
-
±0.1
±0.5
-
±0.1
±0.5
dB
Voltage Reference Output - VREF
2.0
2.2
2.5
2.0
2.2
2.5
V
Voltage Reference Output Current - VREF
(Notes 1,4)
-
100
400
-
100
400
µA
DAC1 Programmable Attenuation Span
90
94.5
-
90
94.5
-
dB
DAC1 Atten. Step Size: Greater than -82.5 dB
-82.5 dB to -94.5 dB
1.3
1.0
1.5
1.5
1.7
2.0
1.3
1.0
1.5
1.5
1.7
2
dB
dB
DAC1 Offset Voltage
-
-
-
-
±1
±10
mV
Full Scale Output Voltage:
(Note 3)
2.5
2.8
3.3
2.5
2.8
3.3
Vpp
Gain Drift
(Note 1)
-
100
-
-
100
-
ppm/°C
DAC1 Deviation from Linear Phase
(Note 1)
(Passband)
-
-
1
-
-
1
Degree
External Load Impedance
(Note 1)
10
-
-
10
-
-
k
Ω
Mute Attenuation
(Note 1)
80
-
-
80
-
-
dB
Power Supply
Power Supply Current
Digital, Operating
Analog, Operating
Total Operating
Total Power Down
-
-
-
-
70
30
100
-
-
-
-
-
-
-
-
-
70
30
100
-
80
35
-
1
mA
mA
mA
mA
Power Supply Rejection, 1 kHz input (Note 1)
40
-
-
40
-
-
dB
Notes:
3. 10 k
Ω, 100 pF load.
4. DC current only. If dynamic loading exists, then the voltage reference output must be buffered
or the performance of ADCs and DACs will be degraded.
CrystalClear Portable ISA Audio System
TM
CS4239
4
DS253PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com