Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 70Page - Cirrus Logic CS4239 Datasheet HTML 71Page - Cirrus Logic CS4239 Datasheet HTML 72Page - Cirrus Logic CS4239 Datasheet HTML 73Page - Cirrus Logic CS4239 Datasheet HTML 74Page - Cirrus Logic CS4239 Datasheet HTML 75Page - Cirrus Logic CS4239 Datasheet HTML 76Page - Cirrus Logic CS4239 Datasheet HTML 77Page - Cirrus Logic CS4239 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
Bus Interface
The ISA bus interface is capable of driving a 24
mA data bus load and therefore does not require
any external data bus buffering. See the Refer-
ence Design Data Sheet for a typical connection
diagram.
Volume Control Interface
Three hardware master volume control pins are
supported: volume up, volume down, and mute.
Hardware volume control is enabled by setting
the VCEN bit in the Hardware Configuration
data, byte 7 (Misc. Config. Byte). Once VCEN
is set, the XTAL1/ACDCS/DOWN pin converts
to the volume down function. The volume con-
trol pins affect the master volume control output
after the analog output mixer. The UP an d
DOWN pins, when low, increment and decre-
ment the master volume. These two pins would
use SPST momentary switches. The MUTE pin
can either be momentary or non-existent where
pressing up and down simultaneously mutes the
output volume. The circuit in Figure 17, contains
optional resistors for EMI and ESD protection;
however, the capacitors are required for switch
debounce.
Pressing the up button, increments the volume.
Pressing the down button, decrements the vol-
ume. Holding either of these buttons in the low
state causes the volume to to continue changing.
The formats are selected using the VCF1 bit in
the Hardware Configuration data, Global Config.
byte.
In the first format, where VCF1 = 0, the mute
function is a momentary switch (similar to up
and down). When MUTE goes low the master
out volume mutes if it was un-muted and vise-
versa (the mute button alternates between mute
and un-mute). If the master volume is muted and
up or down is pressed, the volume automatically
un-mutes.
In the second format, where VCF1 = 1, the
MUTE pin is not used. This is a two-button for-
mat where pressing up and down simultaneously
mutes the master volume. If the master volume
is muted and up or down is individually pressed,
the volume automatically un-mutes.
The two formats listed above as illustrated in
Figure 18.
Crystal / Clock
Two pins have been allocated to allow the inter-
facing of a crystal oscillator: XTALI and
XTALO. The crystal should be designed as fun-
damental mode, parallel resonant, with a load
capacitor of between 10 and 20 pF. The capaci-
tors connected to each of the crystal pins should
be twice the load capacitance specified to the
crystal manufacturer.
An external CMOS clock may be connected to
the crystal input XTALI in lieu of the crystal.
10 nF
UP
DOWN
MUTE
Up
GND
Mute
Down
100 Ω
10 nF
10 nF
100 Ω
100Ω
Figure 17. Volume Control Circuit
Up
GND
Mute
Down
VCF1 = 0
Up
GND
Mute
Down
VCF1 = 1
Figure 18. Volume Control Formats
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com