Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 21Page - Cirrus Logic CS4239 Datasheet HTML 22Page - Cirrus Logic CS4239 Datasheet HTML 23Page - Cirrus Logic CS4239 Datasheet HTML 24Page - Cirrus Logic CS4239 Datasheet HTML 25Page - Cirrus Logic CS4239 Datasheet HTML 26Page - Cirrus Logic CS4239 Datasheet HTML 27Page - Cirrus Logic CS4239 Datasheet HTML 28Page - Cirrus Logic CS4239 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
ity when AUX1 analog inputs are
substituted for LINE analog inputs
which are no longer available.
EECS
EEPROM Checksum. If set, indicates
that Hardware Configuration Byte 15
is a checksum for the entire
EEPROM (starting after 55h/BBh).
HW Config. Byte 17: CDbase Address Length,
Default = 00000100
D7
D6
D5
D4
D3
D2
D1
D0
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
CAL7-CAL0
CDbase Address Length. Determines
the address length decode for the
primary CDROM address, CDbase.
00000001 - CDCS low for 1 byte
00000010 - CDCS low for 2 bytes
00000100 - CDCS low for 4 bytes
00001000 - CDCS low for 8 bytes
00010000 - CDCS low for 16 bytes
00100000 - CDCS low for 32 bytes
01000000 - CDCS low for 64 bytes
10000000 - CDCS low for 128 bytes
xxx - all others, RESERVED
Bytes 19 through 21 map the interrupt number to
the actual interrupt pins A - F. As shown in Ta-
ble 2, the byte 20 default is 0xB9; therefore,
IRQ C, which is the lower nibble, maps to the
ISA interrupt 9. Likewise IRQ D, which is the
upper nibble, maps to the ISA interrupt 11
(0Bh).
Byte 22 maps the DMA channel number to the
actual DMA pins A and B. As shown in the ta-
ble, the byte 22 default is 0x10; therefore,
DRQA/DACKA is the lower nibble which maps
to the ISA DMA chan nel 0. Like wise
DRQB/DACKB is the upper nibble which maps
to the ISA DMA channel 1.
Byte 23 maps DMA C and IRQ G. The lower
nibble maps DMA C and defaults to DMA 3.
The upper nibble supports the seventh IRQ,
IRQ G. The default is disabled (0), providing
backwards compatibility with other Cirrus ISA
audio parts. If IRQ G is connected to an ISA in-
terrupt (typically 10), then this byte must be
modified to reflect the hardware connection.
Hostload Procedure
This procedure is provided for backwards com-
patibility with the CS4236. Since the E
2PROM
allows all resource and firmware patch data to be
loaded at power-up, this procedure is typically
only used with motherboard devices that do not
include an E
2PROM. To download PnP resource
data from the host to the part’s internal RAM,
use the following sequence:
1 . Configure Control I/O base address,
CTRLbase, by one of two methods: regular
PnP cycle or Crystal Key method.
a. The host can use the regular PnP cycle to
program the CTRLbase, and then place the
chip in the wait_for_key_state
b. If the Crystal Key method is used:
First, send the 32-byte Crystal key to I/O
address port (AP).
Second, configure logical device 2 base
address, CTRLbase, by writing to AP
(15h, 02h, 47h, xxh, xxh, 33h, 01h, 79h).
Note: The two xxh represent the base_ad-
d re ss_ hi g h a nd base_ add ress_ low
respectively. The default is: 01h, 20h.
2. Write 57h (Jump to ROM) command to
CTRLbase+5.
3. Download the PnP Resource data.
a. Send download command by writing AAh
to CTRLbase+5.
b. Send starting download address (4000h)
by writing low byte (00h) first, and then
high byte (40h) to CTRLbase+5.
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com