Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 87 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 87 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 83Page - Cirrus Logic CS4239 Datasheet HTML 84Page - Cirrus Logic CS4239 Datasheet HTML 85Page - Cirrus Logic CS4239 Datasheet HTML 86Page - Cirrus Logic CS4239 Datasheet HTML 87Page - Cirrus Logic CS4239 Datasheet HTML 88Page - Cirrus Logic CS4239 Datasheet HTML 89Page - Cirrus Logic CS4239 Datasheet HTML 90Page - Cirrus Logic CS4239 Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
Joystick Interface
JACX, JACY - Joystick A Coordinates, Input
These pins are the X/Y coordinates for Joystick A. They should have a 5.6 nF capacitor to
ground and a 2.2 k
Ω resistor to the joystick connector pins 3 and 6, respectively.
JAB1, JAB2 - Joystick A Buttons, Input - Internal Pullups
These pins are the switch inputs for Joystick A. They should be connected to joystick connector
pins 2 and 7, respectively; as well as have a 1 nF capacitor to ground.
JBCX, JBCY - Joystick B Coordinates, Input
These pins and are the X/Y coordinates for the second joystick, Joystick B. They should have a
5.6 nF capacitor to ground and a 2.2 k
Ω resistor to the joystick connector pins 11 and 13,
respectively.
JBB1, JBB2 - Joystick B Buttons, Input - Internal Pullups
These pins are the switch inputs for the second joystick, Joystick B. They should be connected
to joystick connector pins 10 and 14, respectively; as well as have a 1 nF capacitor to ground.
CS4610 DSP Serial Port Interface
The CS4610 DSP serial port pins are shared with the CS9236 Wavetable serial port. When the serial
port is enabled, SPE = 1 in I16, these pins are forced to the CS4610 DSP interface.
FSYNC - Frame Sync, Output
When the serial port is enabled, SPE = 1 in I16, this pin is the serial frame sync output.
SCLK - Serial Clock, Output (CDROM Enable)
When the serial port is enabled, SPE = 1 in I16, this pin is the serial clock output. At power-up,
this pin is an input (with an internal 100 k
Ω pullup) that, when pulled low with a 10 kΩ
resistor to SGND, enables the CDROM interface (over the upper 4 ISA address pins). Loading
must be limited to CMOS inputs if this pin has the 10 k
Ω resistor attached.
SDOUT - Serial Data Output, Output (Alternate CDROM Chip Select Enable)
When the serial port is enabled, SPE = 1 in I16, this pin is the serial data output. At power-up,
this pin is an input (with an internal 100 k
Ω pullup) that, when pulled low with a 10 kΩ
resistor to SGND, enables the alternate CDROM chip select pin ACDCS. Loading must be
limited to CMOS inputs if this pin has the 10 k
Ω resistor attached.
SDIN - Serial Data Input, Input
When the serial port is enabled, SPE = 1 in I16, this pin is the serial data input.
CS4239
CrystalClear Portable ISA Audio System
TM
DS253PP2
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com