Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 22Page - Cirrus Logic CS4239 Datasheet HTML 23Page - Cirrus Logic CS4239 Datasheet HTML 24Page - Cirrus Logic CS4239 Datasheet HTML 25Page - Cirrus Logic CS4239 Datasheet HTML 26Page - Cirrus Logic CS4239 Datasheet HTML 27Page - Cirrus Logic CS4239 Datasheet HTML 28Page - Cirrus Logic CS4239 Datasheet HTML 29Page - Cirrus Logic CS4239 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
c. Send the Hardware Configuration and re-
so ur ce d at a in successive byt es t o
CTRLbase+5. This includes the Hardware
Configuration and the PnP resource data.
The PnP resource format is described in
the PnP Data section. The resource header
should not contain the first four bytes
which are only used for E
2PROM loads.
d . E nd do wnlo ad by wri tin g 00h t o
CTRLbase+6.
4. Download Firmware data. To download
firmware data, contact Cirrus Logic for the
ISA Audio BIOS kit.
5. If any of the Hardware Configuration Data
(first 19 bytes) has changed, 5Ah must be
written to CTRLbase+5 to force the part to
internally update this information.
The new PnP data is loaded and the part is ready
for the next PnP cycle.
External E
2PROM
The Plug and Play specification defines 32 bits
of the 72-bit Serial Identifier as being a user de-
fined serial number. The E
2PROM is used to
change the user section of the identifier, store
default resource data for PnP, Hardware Con-
figuration data specific to the CS4239, and
firmware patches to upgrade the core processor
functionality.
The E
2PROM interface uses an industry standard
2-wire interface consisting of a bi-directional
data line and a clock line driven from the part.
After power-on the part looks for the existence
of an E
2PROM device and loads the user de-
fined data. The existence is determined by the
first two bytes read (0x55 followed by 0xBB). If
the first two bytes are correct, the part reads the
next two bytes to determine the length of data in
the E
2PROM. The length bytes indicate the
number of bytes left to be read (not including
the two validation bytes or two length bytes). As
shown in Figure 3, the E
2PROM is read using a
start bit followed by a dummy write, to initialize
the address to zero. Then another start bit and
device address, followed by all the data. Since
the part uses the sequential read properties of the
E
2PROM, only one E2PROM, is supported
(ganged E
2PROMs are not supported).
Some E
2PROMs that are compatible with this
interface are:
Atmel
AT24Cxx series
MicroChip
24LCxxB series
National
NM24CxxL series
Ramtron
FM24Cxx series
SGS Thompson
ST24Cxx series
Xicor
X24Cxx series
where the xx is replaced by 02, 04, 08, or 16
based on the size of the E
2PROM desired. The
size of 08 (1k bytes) is preferred since it allows
the maximum flexibility for upgrading firmware
patches. Other E
2PROMs compatible with Fig-
ure 3 and the timing parameters listed in the
front of the data sheet may also be used.
The maximum Hardware Configuration and PnP
resource RAM data supported is 384 bytes, and
a four byte header; therefore, the maximum
amount of data storage, without firmware
patches, in E
2PROM would be 388 bytes. The
maximum size E
2PROM needed is 770 bytes, to
allow the inclusion of firmware patches after the
PnP resource data.
If an external E
2PROM exists, it is accessed by
the serial interface and is connected to the SDA
and SCL pins. The two-wire interface is control-
led by three bits in the Control logical device,
Hardware Control Register (CTRLbase+1). The
serial data can be written to or read from the
E
2PROM by sequentially writing or reading that
register. The three register bits, D0, D1, D2 are
labeled CLK, DOUT, and DIN/EEN respectively.
The DIN/EEN bit, when written to a one, en-
ables the E
2PROM serial interface. When the
DIN/EEN bit is written to a zero, the serial inter-
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com