Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 3Page - Cirrus Logic CS4239 Datasheet HTML 4Page - Cirrus Logic CS4239 Datasheet HTML 5Page - Cirrus Logic CS4239 Datasheet HTML 6Page - Cirrus Logic CS4239 Datasheet HTML 7Page - Cirrus Logic CS4239 Datasheet HTML 8Page - Cirrus Logic CS4239 Datasheet HTML 9Page - Cirrus Logic CS4239 Datasheet HTML 10Page - Cirrus Logic CS4239 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
Timing Parameters
(TA = 25 °C; VA, VD1, VDF1-VDF3 = +5 V; outputs loaded with 30 pF;
Input Levels: Logic 0 = 0 V, Logic 1 = VD1, Rise/Fall time = 2 ns; Input/Output reference levels = 2.5 V)
Parameter
Symbol
Min
Max
Units
E
2PROM Timing (Note 1)
SCL Low to SDA Data Out Valid
tAA
03.5
µs
Start Condition Hold Time
tHD:STA
4.0
µs
Clock Low Period
tLSCL
4.7
µs
Clock High Period
tHSCL
4.0
µs
Start Condition Setup Time
(for a Repeated Start Condition)
tSU:STA
4.7
µs
Data In Hold Time
tHD:DAT
0
µs
Data In Setup Time
tSU:DAT
250
ns
SDA and SCL Rise Time
(Note 7)
tR
1
µs
SDA and SCL Fall Time
tF
300
ns
Stop Condition Setup Time
tSU:STO
4.7
µs
Data Out Hold Time
tDH
0ns
ZVPORT Timing
ZLRCK delay after ZSCLK rising (to be ignored)
tslrd
2ns
ZLRCK setup before ZSCLK rising
tslrs
32
ns
ZSCLK low period
tsclkl
22
ns
ZSCLK high period
tsclkh
22
ns
ZSDATA setup to ZSCLK rising
tsdlrs
32
ns
ZSDATA hold after ZSCLK rising
tsdh
2ns
Notes
7. Rise time on SDA is determined by the capacitance of the SDA line with all connected gates and the
external pullup resistor required.
ADC1/DAC1 DIGITAL FILTER CHARACTERISTICS (Note 1)
Parameter
Symbol
Min
Typ
Max
Units
Passband
0
0.40xFs
Hz
Frequency Response
-1.0
+0.5
dB
Passband Ripple
(0-0.40xFs)
±0.1
dB
Transition Band
0.40xFs
0.60xFs
Hz
Stop Band
0.60xFs
Hz
Stop Band Rejection
74
dB
Group Delay
8- and 16-bit formats
10/Fs
s
Group Delay Variation vs. Frequency
ADC1
DAC1
0.0
0.1/Fs
µs
µs
CrystalClear Portable ISA Audio System
TM
CS4239
DS253PP2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com