Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 32Page - Cirrus Logic CS4239 Datasheet HTML 33Page - Cirrus Logic CS4239 Datasheet HTML 34Page - Cirrus Logic CS4239 Datasheet HTML 35Page - Cirrus Logic CS4239 Datasheet HTML 36Page - Cirrus Logic CS4239 Datasheet HTML 37Page - Cirrus Logic CS4239 Datasheet HTML 38Page - Cirrus Logic CS4239 Datasheet HTML 39Page - Cirrus Logic CS4239 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
Left Auxiliary #1 Volume (I2)
Default = 11x00000
D7
D6
D5
D4
D3
D2
D1
D0
LX1OM LX1IM
rbc
LX1G4 LX1G3 LX1G2 LX1G1 LX1G0
Note: Although this register generally controls the vol-
ume for LAUX1, the LAUX1 volume can be controlled
through I18 by setting AUX1R in X18.
LX1G4-LX1G0 Left Auxiliary #1, LAUX1, Mix Gain.
The least significant bit represents
1.5 dB, with 01000 = 0 dB.
See Table 8.
LX1IM
Left Auxiliary #1 Mute. When set, the
left Auxiliary #1 input, LAUX1, to the
input mixer is muted.
LX1OM
Left Auxiliary #1 Mute. When set to 1,
the left Auxiliary #1 input, LAUX1, to
the output mixer is muted.
Right Auxiliary #1 Volume (I3)
Default = 11x00000
D7
D6
D5
D4
D3
D2
D1
D0
RX1OM RX1IM
rbc
RX1G4 RX1G3 RX1G2 RX1G1 RX1G0
Note: Although this register generally controls the vol-
ume for RAUX1, the RAUX1 volume can be control
led through I19 by setting AUX1R in X18.
RX1G4-RX1G0 Right Auxiliary #1, RAUX1, Mix Gain.
The least significant bit represents
1.5 dB, with 01000 = 0 dB.
See Table 8.
RX1IM
Right Auxiliary #1 Mute. When set to
1, the right Auxiliary #1 input,
RAUX1, to the input mixer is muted.
RX1OM
Right Auxiliary #1 Mute. When set to 1,
the right Auxiliary #1 input, RAUX1,
to the output mixer is muted.
Left Auxiliary #2 Volume (I4)
Default = 11x00000
D7
D6
D5
D4
D3
D2
D1
D0
LX2OM LX2IM res
LX2G4 LX2G3
LX2G2 LX2G1 LX2G0
LX2G4-LX2G0 Left Auxiliary #2, LAUX2, Mix Gain.
The least significant bit represents
1.5 dB, with 01000 = 0 dB.
See Table 8.
LX2IM
Left Auxiliary #2 Mute. When set to 1,
the left Auxiliary #2 input, LAUX2, to
the input mixer is muted.
LX2OM
Left Auxiliary #2 Mute. When set to 1,
the left Auxiliary #2 input, LAUX2, to
the output mixer is muted.
Right Auxiliary #2 Volume (I5)
Default = 11x00000
D7
D6
D5
D4
D3
D2
D1
D0
RX2OM RX2IM res RX2G4 RX2G3 RX2G2 RX2G1 RX2G0
RX2G4-RX2G0 Right Auxiliary #2, RAUX2, Mix Gain.
The least significant bit represents
1.5 dB, with 01000 = 0 dB.
See Table 8.
RX2IM
Right Auxiliary #2 Mute. When set, the
right Auxiliary #2 input, RAUX2, to
the input mixer is muted.
RX2OM
Right Auxiliary #2 Mute. When set,
the right Auxiliary #2 input, RAUX2,
to the output mixer is muted.
Left DAC1 Volume (I6)
Default = 10000111
D7
D6
D5
D4
D3
D2
D1
D0
LD1OM res
LD1A5 LD1A4 LD1A3 LD1A2 LD1A1 LD1A0
LD1A5-LD1A0 Left DAC1 Attenuation. The least
significant bit represents -1.5 dB,
with 000000 = 0 dB. The total range
is 0 to -94.5 dB. See Table 6.
LD1OM
Left DAC1 Output Mute. When set,
the left DAC1 to the output mixer is
muted.
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com