Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 93 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 93 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 89Page - Cirrus Logic CS4239 Datasheet HTML 90Page - Cirrus Logic CS4239 Datasheet HTML 91Page - Cirrus Logic CS4239 Datasheet HTML 92Page - Cirrus Logic CS4239 Datasheet HTML 93Page - Cirrus Logic CS4239 Datasheet HTML 94Page - Cirrus Logic CS4239 Datasheet HTML 95Page - Cirrus Logic CS4239 Datasheet HTML 96Page - Cirrus Logic CS4239 Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 98 page
background image
PACKAGE PARAMETERS
D
D1
E
E1
e1
b
1
N
A
A1
b
c
D
D1
E
e1
E1
100-pin TQFP - Package Code ’Q’
L1
T
Symbol
Description
Lead Count
Overall Height
Stand Off
Lead Width
Lead Thickness
Terminal Dimension
Package Body
Terminal Dimension
Package Body
Lead Pitch
Foot Length
Lead Angle
MIN
NOM
MAX
0.077
100
0.00
0.14
15.70
15.70
0.40
0.30
0.0°
12.0°
0.20
0.127
16.00
14.0
16.00
14.0
0.50
0.50
1.66
0.26
0.177
16.30
16.30
0.60
0.70
A1
A
c
L1
T
Notes:
1) Dimensions in millimeters.
2) Package body dimensions do not include mold protrusion,
which is 0.25 mm.
3) Coplanarity is 0.004 in.
4) Lead frame material is AL-42 or copper, and lead finish
is solder plate.
5) Pin 1 identification may be either ink dot or dimple.
6) Package top dimensions can be smaller than bottom
dimensions by 0.20 mm.
7) The "lead width with plating" dimension does not include
a total allowable dambar protrusion of 0.08 mm (at
maximum material condition).
8) Ejector pin marks in molding are present on every package.
CS4239
CrystalClear Portable ISA Audio System
TM
DS253PP2
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com