Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 51Page - Cirrus Logic CS4239 Datasheet HTML 52Page - Cirrus Logic CS4239 Datasheet HTML 53Page - Cirrus Logic CS4239 Datasheet HTML 54Page - Cirrus Logic CS4239 Datasheet HTML 55Page - Cirrus Logic CS4239 Datasheet HTML 56Page - Cirrus Logic CS4239 Datasheet HTML 57Page - Cirrus Logic CS4239 Datasheet HTML 58Page - Cirrus Logic CS4239 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
Reset
SBbase+6, write only
When bit D[0] of this register is set to a one and
then set to a zero, a reset of the Sound Blaster
interface will occur.
Read Data Port
SBbase+A, read only
When bit D[7] of the Data Available Register,
SBbase+E, is set =1 then valid data is available
in this register. The data may be the result of a
Command that was previously written to the
Command/Write Data Register or digital audio
data.
Command/Write Data
SBbase+C, write only
The Command/Write Data register is used to
send Sound Blaster Pro commands.
Write Buffer Status,
SBbase+C, read only
The Write Buffer Status register bit D[7] indi-
cates when the SBPro interface is ready to
accept another command to the Command/Write
Data register. D[7]=1 indicates ready. D[7]=0 in-
dicates not ready.
Sound Blaster Mixer Registers
The Sound Blaster mixer registers are shown in
Table 15.
Reset Register,
Mixer Index 00H
Writing any value to this register will reset the
mixer to default values.
Voice Volume Register,
Mixer Index 04H, Default = 99H
This register provides 8 steps of voice volume
control each for the right and left channels.
Microphone Mixing Register,
Mixer Index 0AH, Default = 01H
This register provides 4 steps of microphone vol-
ume control.
Register
D7
D6
D5
D4
D3
D2
D1
D0
00H
DATA RESET
02H
RESERVED
04H
VOICE VOLUME LEFT
VOICE VOLUME RIGHT
06H
RESERVED
08H
RESERVED
0AH
XXXXX
MIC MIXING
0CH
X
X
X
INPUT SELECT
X
0EH
XXXXXX
VSTC
X
20H
RESERVED
22H
MASTER VOLUME LEFT
MASTER VOLUME RIGHT
24H
RESERVED
26H
FM VOLUME LEFT
FM VOLUME RIGHT
28H
CD VOLUME LEFT
CD VOLUME RIGHT
2AH
RESERVED
2CH
RESERVED
2EH
LINE VOLUME LEFT
LINE VOLUME RIGHT
Table 15. SBPro Compatible Mixer Interface
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com