Electronic Components Datasheet Search
  English  ▼

X  

CS4239 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 10Page - Cirrus Logic CS4239 Datasheet HTML 11Page - Cirrus Logic CS4239 Datasheet HTML 12Page - Cirrus Logic CS4239 Datasheet HTML 13Page - Cirrus Logic CS4239 Datasheet HTML 14Page - Cirrus Logic CS4239 Datasheet HTML 15Page - Cirrus Logic CS4239 Datasheet HTML 16Page - Cirrus Logic CS4239 Datasheet HTML 17Page - Cirrus Logic CS4239 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
I/O CYCLES
Every device that is enabled, requires I/O space.
An I/O cycle begins when the part decodes a
valid address on the bus while the DMA ac-
knowledge signals are inactive and AEN is low.
The IOR and IOW signals determine the direc-
tion of the data transfer. For read cycles, the part
will drive data on the SD<7:0> lines while the
host asserts the IOR strobe. Write cycles require
the host to assert data on the SD<7:0> lines and
strobe the IOW signal. Data is latched on the ris-
ing edge of the IOW strobe.
I/O ADDRESS DECODING
The logical devices use 10-bit or 12-bit address
decoding. The Synthesizer, Sound Blaster, Game
Port, MPU-401, and CDROM devices support
10-bit address decoding, while the Windows
Sound System and Control devices support 12-
bit address decoding. Devices that support 10-bit
address decoding, require A10 and A11 be zero
for proper decode; therefore, no aliasing occurs
through the 12-bit address space.
To prevent aliasing into the upper address space,
a "16-bit decode" option may be used, where the
upper address bits SA12 through SA15 are con-
nected to the part. SA12-SA15 are then decoded
to be 0,0,0,0 for all logical device address de-
coding. When the upper address bits are used,
the CDROM interface is no longer available
since the upper address pins are multiplexed
with the CDROM pins (See Reset and Power
Down section). If the CDROM is needed, the
circuit shown in Figure 2 can replace the SA12
through SA15 pins and provide the same func-
tionality. Four cascaded OR gates, using a
74ALS32, can replace the ALS138 in Figure 2,
but causes a greater delay in address decoding.
PnP ISA Bus
Interface
WSS Codec:
I/O: WSSbase
2 DMA Chan.
1 Interrupt
Logical Device 0
Game Port:
I/O: GAMEbase
Logical Device 1
Control:
I/O: CTRLbase
[1 Interrupt]
Logical Device 2
MPU-401:
I/O: MPUbase
1 Interrupt
Logical Device 3
CDROM:
I/O:
CDbase
ACDbase
[1 Interrupt]
[1 DMA Chan.]
Logical Device 4
Synthesis:
I/O: SYNbase
[1 Interrupt]
SBPro:
I/O: SBbase
(DMA shared)
(Interrupt shared)
Figure 1. Logical Devices
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com