Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 158 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 158 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 154Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 155Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 156Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 157Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 158Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 159Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 160Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 162Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 462 page
background image
Chapter 5 SIU Module
5-4
5.2.3
Address Decoder Description
Figure 5.2.2 shows a block diagram of the SIM Address Decoder. The Address Decoder generates the
read and write enable pulses for each of the internal TMPR3911/12 control and status registers. The
lower 8 bits of the internal address bus are decoded, along with the SIM chip select and read/write
status signal, to generate any 1 of 256 possible write enable pulses or any 1 of 256 possible read enable
pulses. These enable pulses are used by the circuit/module targeted by the respective read or write pulse
to either latch the data from the CPU (for a write transaction) or to enable the data to the CPU (for a
read transaction). See the next section for a full listing of all the internal function Registers, including
their address offset and read versus write support. The address offset for function Registers is the offset
from the base address ($10C00000) of the function Registers in the System Address Map.
RD MEM CONFIG 0 REG
WR MEM CONFIG 0 REG
ADDR BUS(9:2)
RD/WR
CHIP SELECT
SIM
ADDRESS
DECODER
RD MEM CONFIG 1 REG
WR MEM CONFIG 1 REG
RD MEM CONFIG 2 REG
WR MEM CONFIG 2 REG
RD CHI HOLDING REG
WR CHI HOLDING REG
8
Figure 5.2.2 SIM Address Decoder Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com