Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 159 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 159 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 155Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 156Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 157Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 158Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 159Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 160Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 462 page
background image
Chapter 5 SIU Module
5-5
5.2.4
Internal Function Registers
Offset
Read/Write
Register
000
R/W
Memory Configuration 0
004
R/W
Memory Configuration 1
008
R/W
Memory Configuration 2
00C
R/W
Memory Configuration 3
010
R/W
Memory Configuration 4
014
W
Memory Configuration 5
018
W
Memory Configuration 6
01C
W
Memory Configuration 7
020
W
Memory Configuration 8
028
R/W
Video Control 1
02C
W
Video Control 2
030
W
Video Control 3
034
W
Video Control 4
038
W
Video Control 5
03C
W
Video Control 6
040
W
Video Control 7
044
W
Video Control 8
048
W
Video Control 9
04C
W
Video Control 10
050
W
Video Control 11
054
W
Video Control 12
058
W
Video Control 13
05C
W
Video Control 14
060
W
SIB Size
064
W
SIB Sound Receive Start
068
W
SIB Sound Transmit Start
06C
W
SIB Tel Receive Start
070
W
SIB Tel Transmit Start
074
R/W
SIB Control
078
R/W
SIB Sound Holding Register
07C
R/W
SIB Tel Holding Register
080
R/W
SIB SF0 Control
084
R/W
SIB SF1 Control
088
R
SIB SF0 Status
08C
R
SIB SF1 Status
090
R/W
SIB DMA Control
0A0
R/W
IR Control 1
0A4
W
IR Control 2
0A8
W
IR Holding Register
0B0
R/W
UARTA Control 1
0B4
W
UARTA Control 2
0B8
W
UARTA DMA Control 1
0BC
W
UARTA DMA Control 2
0C0
R
UARTA DMA Count
0C4
R/W
UARTA Holding Register
0C8
R/W
UARTB Control 1
0CC
W
UARTB Control 2
0D0
W
UARTB DMA Control 1
0D4
W
UARTB DMA Control 2
0D8
R
UARTB DMA Count
0DC
R/W
UARTB Holding Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com