Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 156Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 157Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 158Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 159Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 160Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 161Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 162Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 163Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 462 page
background image
Chapter 5 SIU Module
5-6
Offset
Read/Write
Register
0E0
R/W
Magicbus Control 1
0E4
W
Magicbus Control 2
0E8
W
Magicbus DMA Control 1
0EC
W
Magicbus DMA Control 2
0F0
R
Magicbus DMA Control
0F4
W
Magicbus Swap
0F8
R/W
Magicbus Holding Register
100
W
Clear Interrupt 1
100
R
Interrupt Status 1
104
W
Clear Interrupt 2
104
R
Interrupt Status 2
108
W
Clear Interrupt 3
108
R
Interrupt Status 3
10C
W
Clear Interrupt 4
10C
R
Interrupt Status 4
110
W
Clear Interrupt 5
110
R
Interrupt Status 5
114
R
Interrupt Status 6
118
R/W
Enable Interrupt 1
11C
R/W
Enable Interrupt 2
120
R/W
Enable Interrupt 3
124
R/W
Enable Interrupt 4
128
R/W
Enable Interrupt 5
12C
R/W
Enable Interrupt 6
140
R
RTC High
144
R
RTC Low
148
R/W
Alarm High
14C
R/W
Alarm Low
150
R/W
Timer Control
154
R/W
Periodic Timer
160
R/W
SPI Control
164
R/W
SPI Holding Register
180
R/W
IO Control
184
R/W
Multi-function IO Data Out
188
R/W
Multi-function IO Direction
18C
R
Multi-function IO Data In
190
R/W
Multi-function IO Select
194
R/W
I/O Power Down
198
R/W
Multi-function I/O Power Down
1C0
R/W
Clock Control
1C4
R/W
Power Control
1C8
R/W
SIU Test
1D8
R/W
CHI Control
1DC
R/W
CHI Pointer Enable
1E0
W
CHI Receive Pointer A
1E4
W
CHI Receive Pointer B
1E8
W
CHI Transmit Pointer A
1EC
W
CHI Transmit Pointer B
1F0
R/W
CHI Size
1F4
W
CHI Receive Start
1F8
W
CHI Transmit Start
1FC
R/W
CHI Holding Register
208
R
TX3911/12 Revision Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com