Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 254 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 254 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 250Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 251Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 252Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 253Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 254Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 255Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 256Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 257Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 258Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 462 page
background image
Chapter 11 Magicbus Module
11-14
11.4.3
Magicbus DMA Control 1 Register
OFFSET
= $0E8:
write-only
Bit
Label
RESET
Read/Write
31-2
DMASTARTVAL[31:2]
X
W
1-0
Reserved
DMASTARTVAL[31:2]:
write-only
These bits define the start address for the DMA buffer.
11.4.4
Magicbus DMA Control 2 Register
OFFSET
= $0EC:
write-only
Bit
Label
RESET
Read/Write
31-20
Reserved
19-2
DMALENGTH[19:2]
X
W
1-0
Reserved
DMALENGTH[19:2]:
write-only
These bits define the length of the DMA buffer. The last address in the DMA buffer is given by
DMASTARTVAL[31:2]
+ DMALENGTH[19:2]. The value loaded into DMALENGTH should be
equal to the desired buffer length
−1.
11.4.5
Magicbus DMA Count
OFFSET
= $0F0:
read-only
Bit
Label
RESET
Read/Write
31-20
Reserved
19-2
DMACNT[19:2]
X
R
1-0
Reserved
DMACNT[19:2]:
read-only
These bits provide the status of the DMA counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com