Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 255 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 255 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 251Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 252Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 253Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 254Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 255Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 256Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 257Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 258Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 259Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 462 page
background image
Chapter 11 Magicbus Module
11-15
11.4.6
Magicbus Transmit Holding Register
OFFSET
= $0F8: Normal
write-only
OFFSET
= $0F4: Swap
write-only
Bit
Label
RESET
Read/Write
31-0
TXDATA[31:0]
X
W
TXDATA[31:0]:
write-only
These bits are the data to be transmitted. This register should only be loaded after the
MBUSTXBUFAVAILINT interrupt is set. Writing to the Swap location will cause the clock and
data lines to be swapped for this character of data. For word mode, only bits 15:0 are valid.
11.4.7
Magicbus Receive Holding Register
OFFSET
= $0F8:
read-only
Bit
Label
RESET
Read/Write
31-0
RXDATA[31:0]
X
R
RXDATA[31:0]:
read-only
These bits are the receive data. The bits are valid after the MBUSRXBUFAVAILINT interrupt is
set. For word mode, only bits 15:0 are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com