Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 259 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 259 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 255Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 256Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 257Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 258Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 259Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 260Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 261Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 262Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 263Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 462 page
background image
Chapter 12 Power Module
12-3
12.1.3
Power Supply Lines in the System
The description in this section assumes that the system has the following power supply lines.
Table 12.1.1 shows the status of each power supply line on each power state described in 12.1.2
In addition to these power supply lines a System Power Supply may provide other power supply lines
according to particular system requirements. For example a system may have a dedicated power supply line
for a PC Card slot to supply power during the Suspend State.
VSTANDBY: (VDD)
This line provides power for the TMPR3911/12 and other components in the system that must
never be powered off. This line should always be alive if there is either a good main battery or a
good backup battery, or if a battery charger is plugged in.
VCCDRAM:
This line provides power for the DRAM and/or SDRAM. This line must be off when
VSTANDBY is first powered, and remain off until the system is powered up by the assertion of
PWRCS. When the software subsequently powers down the system it may choose to keep this line
powered to preserve the contents of memory.
VCC3:
This line provides power for the ROM, system buffers, and other components in the system.
This line will be powered by the System Power Supply when PWRCS is asserted and will always
be powered off when the system is powered down.
Table 12.1.1 Power Supply Status
Power
State
Power On Reset
State
Normal State
Standby
State
Suspend
State
Battery Backup
State
VSTANDBY
On
On
On
On
On
VCCDRAM
Off
On
On
On
On
VCC3
Off
On
On
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com