Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 262 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 262 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 258Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 259Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 260Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 261Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 262Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 263Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 264Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 266Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 462 page
background image
Chapter 12 Power Module
12-6
12.2.2
The 1
st Power Up
The 1
st Power Up sequence is shown in Figure 12.2.2 When the ONBUTN is pressed, the PWRCS
signal will be asserted if the PWROK signal is high. Once the PWRCS signal is asserted, the System
Power Supply powers VCCDRAM and VCC3 in order to power up the system. Once VCC3 is powered,
the high frequency oscillator and PLL that generate the clock signals for the CPU and BIU start
clocking. When the oscillator and PLL are first enabled, the oscillation can vary widely until the
oscillator and PLL become stable. The stabilization time can vary between 1 ms and 10 ms, depending
on the oscillator and PLL of a particular TMPR3911/12 implementation. In order to prevent the
TMPR3911/12 from using the clock before the clock becomes stable, a circuit in the Power Module will
provide an internal signal ENSYSCLK that will disable the clock until the oscillator and PLL become
stable. The circuit uses the 32 kHz signal as its reference, since this is known to be good because of the
long Power On Reset time. The ENSYSCLK is asserted 16-24 ms after VCC3 is asserted at the 1
st
power up. Once the ENSYSCLK signal is asserted, the CPU will start instruction execution.
If the PWROK signal is low when the ONBUTN is pressed, the PWRCS signal will not be asserted.
The “PON* state” and the “1
st-time power-up state” in the Figure 12.2.2 are defined on page 2-17.
C32K Oscillator Stabilization Time
min.1-2 s
Voltage Stabilization Time
RESET (internal)
VCC3 (in)
VSTANDBY (system)
PON* (in)
PWROK (in)
ONBUTN (in)
PWRCS (out)
16-24 ms
DCLKOUT (out)
ENSYSCLK (internal)
Instruction Execution
1
st Time Power-up State
PON* state
pin state
Figure 12.2.2 The 1
st Power Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com