Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 264 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 264 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 260Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 261Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 262Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 263Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 264Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 268Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 462 page
background image
Chapter 12 Power Module
12-8
12.2.4
Power Up
When the system is off if rising edge of the ONBUTN signal or an enabled interrupt occurs, and the
PWROK signal is asserted, then the system will power up. If assertion of the ONBUTN signal or an
enabled interrupt occurs, but the PWROK signal is deasserted, then the system will not power up at that
time. But since the interrupt is latched, the system will power up once the PWROK signal is asserted.
On the other hand, the assertion of the ONBUTN signal is not a latched event unless the
POSONBUTNINT or NEGONBUTNINT interrupts are enabled. Therefore, the assertion of the
ONBUTN signal will not wake up the system once PWROK signal is asserted.
Once the ENSYSCLK (internal signal) goes low, the clock to the CPU is stopped and the CPU will
remain suspended at its last state. When the device powers back up, the ENSYSCLK will be asserted
16-24 ms after VCC3 is asserted or 4-6 ms after VCC3 is asserted, depending on the state of the
SELC2MS control bit in the Power Control Register. Then the CPU will resume the instruction
execution from where it stopped. It is probably desirable to loop for some time to make sure that the
battery voltage has stabilized and the PWROK signal will not suddenly go low as a result of a
substantial load added to the battery. Once the loop has completed, the software must clear the
FORCESHUTDWN bit prior to accessing any address that is not in the cache or the internal function
registers (See Section 12.2.6).
PWROK (in)
ONBUTN (in)
PWRCS (out)
ENSYSCLK (internal)
DCLKOUT (out)
(MEMPOWERDOWN: by software)
(PWRCS/VCCON: by software)
Interrupt
Delayed Interrupt
Power Down
Power Up
by delayed interrupt
16-24 ms
or 4-6ms
VCC3 (in)
Figure 12.2.3 Power Down and Power Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com