Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 266 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 266 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 262Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 263Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 264Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 268Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 270Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 462 page
background image
Chapter 12 Power Module
12-10
12.2.6
Forced Shutdown
The Power Module provides a feature called Forced Shutdown that will force the system to power down
automatically if the PWROK signal goes low before the software clears the FORCESHUTDWN bit. The
main purpose of this feature is to protect the contents of DRAM or SDRAM. The timing sequence for
Forced Shutdown is shown in Figure 12.2.4. This feature can be enabled or disabled by setting the
ENFORCESHUTDWN bit in the Power Control Register. This feature is useful if a particular battery
provides a PWROK indication when there is no load on the battery, but quickly deasserts the PWROK signal
once the battery has some load by asserting VCC3. When this feature is disabled, the system will continue
the instruction execution and enable the persistent memory even if the PWROK signal is deasserted, and will
eventually stop by the power failure and lose the data in the memory.
The FORCESHUTDWN bit is set whenever PWRCS is asserted as a result of the ONBUTN being pressed
or an enabled interrupt being set when the device is off. If the PWROK signal goes low prior to the software
clearing the FORCESHUTDWN bit, the Power Module will simply deassert the PWRCS signal and the
System Power Supply will turn off the VCC3 power supply.
The instruction to clear the FORCESHUTDWN bit must be executed prior to bringing the memory
interface out of self-refresh mode. This implies that the instruction has to be pre-loaded into the cache before
the previous system shutdown, since the memory interface will exit self refresh mode once an address
location is accessed in the system that is not in the cache or not to a function register. The very first time that
the system is turned on after the assertion of VSTANDBY, it is not possible to support this function since the
cache is not initialized. This is not a problem because the main purpose of this feature is to protect the
contents of DRAM or SDRAM, which does not exist when the device is turned on for the first time.
PWRCS (out)
FORCESHUTDWN bit
VCC3 (in)
PWROK (in)
ONBUTN (in)
Figure 12.2.4 Forced Shutdown Sequence
12.2.7
Memory Power Down
By setting the MEMPOWERDOWN bit in the Memory Configuration 4 Register, the memory
controller goes into Memory Power Down Mode. All memory signals will be driven low and DRAMs
and/or SDRAMs will go into self-refresh mode. The software can only access to the cache memory and
the internal function registers. The first access outside them clears the MEMPOWERDOWN bit and
DRAMs and/or SDRAMs will go out of the self-refresh mode. Thus it is necessary that all instructions
following the assertion of the MEMPOWERDOWN bit need to be executed on the cache memories.
12.2.8
Stop Timer
The Stop Timer is used as a coarse timer to bring the CPU out of Stop Mode. The Stop Timer consists
of a 4-bit up counter and a comparator to generate the STPTIMERINT interrupt. The Stop Timer is
enabled using the ENSTPTIMER control bit in the Power Control Register. When the ENSTPTIMER
control bit is not set the counter will be reset to zero. Once the ENSTPTIMER bit is set the counter will
count up using an 8 ms clock as the input. Once the counter reaches a value that is equal to the
STPTIMERVAL[3:0] control bits, the STPTIMERINT interrupt is set. The Stop Timer will provide a
maximum duration of 120 ms, in steps of 8 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com