Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 268 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 268 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 264Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 268Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 270Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 271Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 272Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 462 page
background image
Chapter 12 Power Module
12-12
12.3 Power Registers
12.3.1
Power Control Register
OFFSET
= $ 1C4:
Bit
Label
RESET
Read/Write
31
ONBUTN
–
R
30
PWRINT
–
R
29
PWROK
–
R
28-27
VIDRF[1:0]
0
R/W
26
SLOWBUS
0
R/W
25
DIVMOD
0
R/W
24-16
Reserved
15-12
STPTIMERVAL[3:0]
X
R/W
11
ENSTPTIMER
0
R/W
10
ENFORCESHUTDWN
0
R/W
9
FORCESHUTDWN
0
R/W
8
FORCESHUTDWNOCC
0
R/W
7SELC2MS
0
R/W
6
Reserved
5
BPDBVCC3
0
R/W
4STOPCPU
0
R/W
3
DBNCONBUTN
0
R/W
2COLDSTART
1
R/W
1PWRCS
0
R/W
0
VCCON
0
R/W
ONBUTN:
read-only
This bit provides the status of the ONBUTN signal.
PWRINT:
read-only
This bit provides the status of the PWRINT signal.
PWROK:
read-only
This bit provides the status of the PWROK signal.
STPTIMERVAL[3:0]:
When the Stop Timer is enabled the STPTIMERINT interrupt will be set when the counter is
equal to the value set by these bits.
ENSTPTIMER:
This bit is used to enable the Stop Timer.
VIDRF[1:0]:
These bits select the divide-ratio of VIDCLK, which is the master clock used for the video
module.
VIDRF
divide-ratio
01
12
24
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com