Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 271 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 271 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 268Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 270Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 271Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 272Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 273Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 274Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 275Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 462 page
background image
Chapter 13 SIB Module
13-1
13. SIB Module
13.1 Overview
The SIB Module within the TMPR3911/12 contains holding registers, shift registers, and other logic to
support interfacing to the analog-front-end device: TC35143 and/or other optional external codec devices.
The overall sound subsystem for a PIC (Personal Information Communicator) allows playing and
recording of sounds, and consists of a single-channel 12-bit codec within TC35143, TC35143 interface
circuits for direct connection to an external microphone (MIC) and speaker, and DMA support within the
TMPR3911/12.
Similarly, the overall telecom subsystem for a PIC allows support of high-performance software modems,
and consists of a single-channel 16-bit codec within TC35143, which also includes optional echo
cancellation and interface circuits for connection to an external Data Access Arrangement (DAA), as well as
an auxiliary input/output port for supporting future wireless interfaces. The DAA provides the front-end
interface circuitry needed between the analog telephone network and the telecom codec for wireline
configurations. The front-end circuit can also include ring detect, off-hook detect, and connect detect
functions.
Audio and telecom data and control/status information (such as sampling rate, gain control, muting, clip
detect, etc.) is passed between the TMPR3911/12 and TC35143 (and/or other external codec devices) via the
SIB. Within the TMPR3911/12, the SIB Module logic provides DMA support and control/status registers for
data transfers between external system memory, the CPU core, and the SIB. SIB data transfer is always
synchronous and is frame-based, with the TMPR3911/12 side always the master source of the clock and
frame frequency and phase.
For the sound subsystem, TC35143 allows the system to digitize (using the sound codec’s ADC) the MIC
input, as well as to convert (using the sound codec’s DAC) sampled sounds (either pre-stored, synthesized,
or previously recorded) stored in system memory to an analog audio output, for routing to either a speaker
and/or headphone output. For the telecom subsystem, TC35143 allows the system to digitize (using the
telecom codec’s ADC) the telecom analog baseband receive input, and the subsequent modem baseband
signal processing can be implemented using entirely a software-based approach. TC35143 then allows the
system to convert (using the telecom codec’s DAC) the processed baseband transmit output to an analog
telecom output for routing back out the wireline or wireless port.
The SIB Module provides full-duplex DMA support for sound receive and transmit, as well as
independent DMA support for telecom receive and transmit (four total independent DMA channels). The
DMA buffers can be configured in a continuous (circular) buffer mode or a one-time (empty or fill, then
stop) buffer mode. Half-buffer and end-of-buffer DMA address counter interrupts are available, allowing the
CPU to minimize overhead and efficiently empty or fill half of the DMA buffer in a ping-pong fashion. The
DMA buffer size is programmable (up to a maximum of 16 KBytes) and the receive and transmit buffers can
be configured to either reside in different memory spaces or share the same memory space (overlapping
buffers for loopback purposes or for optimum memory allocation). Also available is a direct CPU read/write
mode for bypassing the DMA, allowing the CPU to read or write the sound or telecom data on a sample by
sample basis, if so desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com