Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 269 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 269 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 268Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 270Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 271Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 272Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 273Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 462 page
background image
Chapter 12 Power Module
12-13
SLOWBUS:
Setting this bit will cause the internal clocks except FREECLK and XHFEE to be divided by 2.
DIVMOD:
Setting this bit will cause the clocks in each function module such as an UART to be
independent of RF (1:0). (See Section 6, Figure 6.2.1 and 6.2.2)
ENFORCESHUTDWN:
The FORCESHUTDWN bit is set whenever the VCCON bit and the PWRCS bit are set by
either the ONBUTN signal assertion or an enabled interrupt occurrence. If the PWROK signal goes
low before the processor clears the FORCESHUTDWN bit, then the VCCON bit and the PWRCS
bit are cleared and the PWRCS signal will go low if the ENFORCESHUTDWN bit is set. If the
ENFORCESHUTDWN bit is not set, then the FORCESHUTDWN bit will have no effect.
FORCESHUTDWN:
If the ENFORCESHUTDWN bit is set, then this bit must be cleared after the initial boot, but
prior to memory interface waking up procedure. See Section 12.2.6 for details.
FORCESHUTDWNOCC:
This bit is set if a Forced Shutdown occurs due to the PWROK signal going low prior to the
processor clearing the FORCESHUTDWN bit. This bit provides status to the processor to indicate
that the event occurred. The bit should be cleared once the status has been checked, so that it can
be used again for the next power up.
SELC2MS:
The assertion of PWRCS signal will cause the System Power Supply to assert the VCC3 power
line. Once VCC3 is powered, the oscillator and PLL inside of the TMPR3911/12 will wake up and
generate the main system clock, but for a certain period of time the clock will be unstable until the
oscillator and PLL lock on the correct frequency. The Power Module will prevent the clock from
driving any logic until the clock becomes stable. The reference clock for the debouncing delay time
is provided by the C2MS (2 ms clock) and the C8MS (8 ms clock) internal signals generated by the
RTC from the 32 kHz oscillator. If SELC2MS is set to a logic “1”, the clock will be disabled for a
minimum of 4 ms and a maximum of 6 ms after VCC3 is powered. If SELC2MS is set to a logic
“0”, the clock will be deasserted for a minimum of 16 ms and a maximum of 24 ms after VCC3 is
powered.
BPDBVCC3:
If this bit is set, the clock will be enabled immediately following the assertion of VCC3, instead
of waiting for the delay mentioned in the SELC2MS bit description.
STOPCPU:
Setting this bit will cause the clock to the CPU core to be disabled to allow low power operation.
The bit is cleared whenever an enabled interrupt is set. This bit should not be set when powering
down the system. It is only used when the system is powered up, but the CPU does not have to
execute instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com