Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 270 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 270 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 268Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 270Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 271Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 272Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 273Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 274Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 462 page
background image
Chapter 12 Power Module
12-14
DBNCONBUTN:
If this bit is set, then the POSONBUTNINT and NEGONBUTNINT interrupts and the
ONBUTN wake up function will only occur after a minimum of 16 ms and a maximum of 24 ms
of debouncing of the ONBUTN signal has taken place to allow direct “undebounced” button
connection. If this bit is cleared, then the interrupts and power up occur immediately upon
transition of the ONBUTN signal.
COLDSTART:
This bit is set by RESET and provides status to the processor that a Power On Reset has
occurred.
PWRCS:
This bit is set whenever the ONBUTN signal is asserted or an enabled interrupt occurs while the
PWROK signal is high. When powering down the system, this bit must be cleared simultaneously
with the VCCON bit. All enabled interrupts must be cleared prior to powering down the system, or
the PWRCS and VCCON signals will not go low.
VCCON:
This bit is set whenever the ONBUTN is pressed or an enabled interrupt occurs if the PWROK
signal is high. When powering down the system, this bit must be cleared simultaneously with the
PWRCS bit. All enabled interrupts must be cleared prior to powering down the system, or the
PWRCS and VCCON signals will not go low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com