Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 253 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 253 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 249Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 250Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 251Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 252Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 253Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 254Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 255Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 256Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 257Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 462 page
background image
Chapter 11 Magicbus Module
11-13
PHAPOL:
Setting this bit will cause the Magicbus Transmitter to clock data out on the rising edge of
MBUSCLK to be sampled by the peripherals on the falling edge of MBUSCLK.
CLKPOL:
Setting this bit will invert the MBUSCLK pin.
SLAVE:
Setting this bit will cause the MBUSCLK and MBUSDATA pins to be inputs and will enable the
Magicbus Receiver circuit. The transition from master to slave will not take place until the
Magicbus Transmit Holding Register and Transmit Shift Register are empty.
FSLAVE:
Setting this bit forces Slave Mode without regard to the status of the Magicbus Transmit Holding
Register and Transmit Shift Register.
LONG:
Setting this bit will cause the Magicbus Transmitter and Magicbus Receiver to handle 32 bits per
buffer. Otherwise 16 bits is assumed. This bit must be set for DMA transactions.
ENMBUS:
Setting this bit will enable the Magicbus Module. When this bit is cleared the Magicbus Module
is kept in a reset state. But clearing this bit gives no effect on the Magicbus Control Register. This
bit should not be set until all other control bits are setup.
11.4.2
Magicbus Control 2 Register
OFFSET
= $0E4:
write-only
Bit
Label
RESET
Read/Write
31-24
DELAYVAL[7:0]
X
W
23-16
BAUDRATE[7:0]
X
W
15-0
Reserved
DELAYVAL[7:0]:
write-only
These bits define the number of Magicbus baud clocks of delay to insert between either bytes,
words, or longs. Delay is always inserted after a long, but is only inserted between bytes or words
if the respective enables (ENBYTEWAIT or ENWORDWAIT) are set. If no delay is desired then
the register should be set to zero.
BAUDRATE[7:0]:
write-only
These bits define the baudrate of the Magicbus Transmitter. The following equation determines
the baudrate (fMBUSMCLK is the frequency of the Magicbus master clock.):
baudrate
= fMBUSMCLK ÷ (BAUDRATE[7:0] ∗2 + 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com