| Electronic Components Datasheet Search |
|
TMPR3911 Datasheet(PDF) 301 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3911 Datasheet(HTML) 301 Page - Toshiba Semiconductor |
|
301 / 462 page ![]() Chapter 14 SPI Module 14-1 14. SPI Module 14.1 Overview The SPI is a serial interface consisting of clock, data out, and data in. The SPI is used to interface to devices such as serial power supplies, serial A/D converters, and other devices that contain simple serial clock and data interfaces. The TMPR3911/12 only supports master mode and generates the SPI clock to the slaves. Multiple slave devices can share the SPI by using a unique chip select for each slave device. The chip select can be generated using one of the general purpose I/O ports on the TMPR3911/12 or TC35143, or using some other output port available in the system. When a device is selected by asserting it’s chip select, the device will shift data in using the SPICLK and SPIOUT signals and the device will shift data out using the SPIIN signal. When a device is not selected then the data output connected to SPIIN must be tri-stated so other devices can share the SPIIN signal. The SPI Module contains registers which provide programmability for SPICLK rate, MSB first versus LSB first, clock polarity, data phase polarity, and byte mode versus word mode operation. 14.1.1 Related Pins SPICLK: OUTPUT This pin is used to clock data in and out of the slave device. SPIOUT: OUTPUT This pin contains the data that is shifted into the slave device. SPIIN: INPUT This pin contains the data that is shifted out of the slave device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |