Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 299 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 299 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 295Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 296Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 297Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 298Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 299Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 300Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 301Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 302Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 303Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 462 page
background image
Chapter 13 SIB Module
13-29
TELDMAPTR[13:2]:
read-only
These bits provide the status of the telecom DMA counter.
ENDMARXTEL:
This bit enables the telecom DMA receive function. Setting this bit to a logic “1” enables the
DMA mode. Clearing this bit to a logic “0” disables the DMA mode. This bit should not be set
until the TELRXSTART, TELTXSTART, and SIBSIZE registers are setup and the SIB module is
enabled (ENSIB asserted) and ENTEL is set. Either ENDMARXTEL or ENDMATXTEL or both
can be set at a time since the telecom DMA controller can support full duplex operation.
ENDMATXTEL:
This bit enables the telecom DMA transmit function. Setting this bit to a logic “1” enables the
DMA mode. Clearing this bit to a logic “0” disables the DMA mode. This bit should not be set
until the TELRXSTART, TELTXSTART, and SIBSIZE registers are setup and the SIB module is
enabled (ENSIB asserted) and ENTEL is set. Either ENDMARXTEL or ENDMATXTEL or both
can be set at a time since the telecom DMA controller can support full duplex operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com