Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 298 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 298 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 294Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 295Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 296Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 297Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 298Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 299Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 300Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 301Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 302Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 462 page
background image
Chapter 13 SIB Module
13-28
SNDBUFF1TIME:
The sound DMA controller supports two buffer addressing modes depending on the state of this
bit. When SNDBUFF1TIME is set to a logic “1”, the sound DMA controller will stop executing
when it reaches the end of the DMA buffer. When SNDBUFF1TIME is cleared to a logic “0”, the
sound DMA controller will loop back to the start of the DMA buffer when the end of the DMA
buffer is reached and will continue operating in a continuous and circular manner.
SNDDMALOOP:
The sound DMA controller supports two full-duplex loopback modes depending on the state of
this bit. When SNDDMALOOP is set to a logic “1”, the sound DMA controller issues RX DMA
requests first, followed by TX DMA requests. This ordering allows an RX-to-TX immediate
loopback via the DMA buffer. When SNDDMALOOP is cleared to a logic “0”, the sound DMA
controller issues TX DMA requests first, followed by RX DMA requests. This ordering allows a
single circular DMA buffer to be used for both TX and RX, if so desired.
SNDDMAPTR[13:2]:
read-only
These bits provide the status of the sound DMA counter.
ENDMARXSND:
This bit enables the sound DMA receive function. Setting this bit to a logic “1” enables the
DMA mode. Clearing this bit to a logic “0” disables the DMA mode. This bit should not be set
until the SNDRXSTART, SNDTXSTART, and SIBSIZE registers are setup and the SIB module is
enabled (ENSIB asserted) and ENSND is set. Either ENDMARXSND or ENDMATXSND or both
can be set at a time since the sound DMA controller can support full duplex operation.
ENDMATXSND:
This bit enables the sound DMA transmit function. Setting this bit to a logic “1” enables the
DMA mode. Clearing this bit to a logic “0” disables the DMA mode. This bit should not be set
until the SNDRXSTART, SNDTXSTART, and SIBSIZE registers are setup and the SIB module is
enabled (ENSIB asserted) and ENSND is set. Either ENDMARXSND or ENDMATXSND or both
can be set at a time since the sound DMA controller can support full duplex operation.
TELBUFF1TIME:
The telecom DMA controller supports two buffer addressing modes depending on the state of
this bit. When TELBUFF1TIME is set to a logic “1”, the telecom DMA controller will stop
executing when it reaches the end of the DMA buffer. When TELBUFF1TIME is cleared to a logic
“0”, the telecom DMA controller will loop back to the start of the DMA buffer when the end of the
DMA buffer is reached and will continue operating in a continuous and circular manner.
TELDMALOOP:
The telecom DMA controller supports two full-duplex loopback modes depending on the state
of this bit. When TELDMALOOP is set to a logic “1”, the telecom DMA controller issues RX
DMA requests first, followed by TX DMA requests. This ordering allows an RX-to-TX immediate
loopback via the DMA buffer. When TELDMALOOP is cleared to a logic “0”, the telecom DMA
controller issues TX DMA requests first, followed by RX DMA requests. This ordering allows a
single circular DMA buffer to be used for both TX and RX, if so desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com