Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 294 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 294 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 291Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 292Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 293Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 294Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 295Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 296Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 297Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 298Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 462 page
background image
Chapter 13 SIB Module
13-24
ENSND:
This bit is used to enable/disable sound processing for this SIB module. Setting this bit to a logic
“1” enables sound processing. Clearing this bit to a logic “0” disables sound processing. This bit
should not be set until after the SIB module is setup, then ENSIB asserted.
Special timing restrictions are required whenever an enable/disable command is sent to
TC35143 and/or other external codec device (see Figure 13.3.3). First, after SIBSF0INT (if
SELSNDSF1
= “0”) or SIBSF1INT (if SELSNDSF1 = “1”) is asserted, the CPU then writes a
sound codec enable command to TC35143 via the SF0AUX (if SELSNDSF1
= “0”) or SF1AUX
(if SELSNDSF1
= “1”) register. The CPU then asserts ENSND. Both of these CPU transactions
must occur within the same SIB frame period, which is before the next SIBSF0INT (if
SELSNDSF1
= “0”) or SIBSF1INT (if SELSNDSF1 = “0”). This ensures that the sample rate
counters within the TMPR3911/12 and TC35143 are fully phase-synchronized.
SIBLOOP:
This bit is used for IC testing and should not be set. Setting this bit to a logic “1” will cause the
SIB serial transmitted data to be internally looped back to the SIB serial receive data path. The data
is inverted when this mode is selected. Setting this bit to a logic “0” selects the normal SIBDIN pin
as the SIB serial receive data source.
ENSF1:
This bit is used to enable/disable SIB subframe 1 processing. Setting this bit to a logic “1”
enables SIB subframe 1. Clearing this bit to a logic “0” disables SIB subframe 1, causing the SIB
serial transmitted data during this subframe to be zeroed and all received data during this subframe
to not be processed by the SIB module. This bit should be set before ENSIB is asserted.
ENSF0:
This bit is used to enable/disable SIB subframe 0 processing. Setting this bit to a logic “1”
enables SIB subframe 0. Clearing this bit to a logic “0” disables SIB subframe 0, causing the SIB
serial transmitted data during this subframe to be zeroed and all received data during this subframe
to not be processed by the SIB module. This bit should be set before ENSIB is asserted.
ENSIB:
This bit is used to enable/disable the SIB module. Setting this bit to a logic “1” enables the SIB
module. Clearing this bit to a logic “0” disables the SIB module and keeps the module in a reset
state but gives no effect on the SIB Control Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com