Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 293 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 293 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 289Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 291Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 292Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 293Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 294Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 295Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 296Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 297Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 462 page
background image
Chapter 13 SIB Module
13-23
SND16:
This bit is used to configure the SIB sound input and output format as 8-bit versus 16-bit mode.
Setting this bit to a logic “1” selects 16-bit mode. Clearing this bit to a logic “0” selects 8-bit mode.
SNDFSDIV[6:0]:
These bits select the divider modulus for the 7-bit programmable counter used to generate the
sound sample rate clock, which is derived by dividing down an internal SIB clock of rate equal to
the 4 times the SIB frame rate or 2 times the SIB subframe rate (where each frame consists of 128
serial data bits). This programmable divider consists of a down-counter which counts down from
SNDFSDIV to zero, so the value loaded for SNDFSDIV should be the desired divider modulus
−1.
For example, if SIBMCLK
= 18.432 MHz and SIBSCLK = 9.216 MHz (= SIBMCLK ÷ 2), in
order to generate a sound sample rate of 24 kHz, the value loaded for SNDFSDIV should
= 11,
since 9.216 MHz
÷ (12 × 32) = 24 kHz.
SELTELSF1:
This bit is used to select between SIB subframe 0 and subframe 1 for the telecom data source
and destination. Setting this bit to a logic “1” selects SIB subframe 1 as the telecom source.
Clearing this bit to a logic “0” selects SIB subframe 0 as the telecom source.
SELSNDSF1:
This bit is used to select between SIB subframe 0 and subframe 1 for the sound data source and
destination. Setting this bit to a logic “1” selects SIB subframe 1 as the sound source. Clearing this
bit to a logic “0” selects SIB subframe 0 as the sound source.
ENTEL:
This bit is used to enable/disable telecom processing for the SIB module. Setting this bit to a
logic “1” enables telecom processing. Clearing this bit to a logic “0” disables telecom processing.
This bit should not be set until after the SIB module is setup, then ENSIB asserted.
Special timing restrictions are required whenever an enable/disable command is sent to
TC35143 and/or other external codec device (see Figure 13.3.3). First, after SIBSF0INT (if
SELTELSF1
= “0”) or SIBSF1INT (if SELTELSF1 = “1”) is asserted, the CPU then writes a
telecom codec enable command to TC35143 via the SF0AUX (if SELTELSF1
= “0”) or SF1AUX
(if SELTELSF1
= “1”) register. The CPU then asserts ENTEL. Both of these CPU transactions
must occur within the same SIB frame period, which is before the next SIBSF0INT (if
SELTELSF1
= “0”) or SIBSF1INT (if SELTELSF1 = “0”). This ensures that the sample rate
counters within the TMPR3911/12 and TC35143 are fully phase-synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com